Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS8170 Datasheet(PDF) 15 Page - Princeton Technology Corp

Part # FS8170
Description  2.5 GHz Low Power Phase-locked Loop IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

FS8170 Datasheet(HTML) 15 Page - Princeton Technology Corp

Back Button FS8170 Datasheet HTML 9Page - Princeton Technology Corp FS8170 Datasheet HTML 10Page - Princeton Technology Corp FS8170 Datasheet HTML 11Page - Princeton Technology Corp FS8170 Datasheet HTML 12Page - Princeton Technology Corp FS8170 Datasheet HTML 13Page - Princeton Technology Corp FS8170 Datasheet HTML 14Page - Princeton Technology Corp FS8170 Datasheet HTML 15Page - Princeton Technology Corp FS8170 Datasheet HTML 16Page - Princeton Technology Corp FS8170 Datasheet HTML 17Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
FS8170
Page 15
July 2005
Charge Pump Characteristic
Fig. 7 – Charge pump current vs. V
DO
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-8
-6
-4
-2
0
2
4
6
8
Sink State : F
R>FV , FC Negative
Source State : F
R>FV, FC Positive
High Current Mode (Ido=6mA)
Vdo (V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
Sink State : F
R>FV , FC Negative
Source State : F
R>FV, FC Positive
Low Current Mode (Ido=1.5mA)
Vdo (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com