Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS8170 Datasheet(PDF) 11 Page - Princeton Technology Corp

Part # FS8170
Description  2.5 GHz Low Power Phase-locked Loop IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

FS8170 Datasheet(HTML) 11 Page - Princeton Technology Corp

Back Button FS8170 Datasheet HTML 7Page - Princeton Technology Corp FS8170 Datasheet HTML 8Page - Princeton Technology Corp FS8170 Datasheet HTML 9Page - Princeton Technology Corp FS8170 Datasheet HTML 10Page - Princeton Technology Corp FS8170 Datasheet HTML 11Page - Princeton Technology Corp FS8170 Datasheet HTML 12Page - Princeton Technology Corp FS8170 Datasheet HTML 13Page - Princeton Technology Corp FS8170 Datasheet HTML 14Page - Princeton Technology Corp FS8170 Datasheet HTML 15Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
FS8170
Page 11
July 2005
Multi-function Lock Detect Output (FOLD)
A digital lock detect function is included with the phase detector through an internal digi-
tal filter to produce a logic level output which is available on the FOLD output pin. The
criterion of lock indication depends on the period of the crystal oscillator reference. The
lock dectect output is HIGH whenever the phase error between phase detector inputs is
less than 2 times of the crystal period for more than three consecutive comparison cycles,
otherwise is low. Note that LD becomes HIGH during the power saving mode. The LD
output is depicted in Fig. 3 as well.
Power-down Control (EN)
By setting the pin EN to LOW, the chip enters into power-down mode, reducing the cur-
rent consumption. During the power-down mode, the phase detector output, DO, is set to
its high impedance. Normal operation mode resumes when EN is switched to HIGH. To
prove a smooth start-up condition, an intermittent control circuit is activated when the
device returns to normal operation. Due to the unknown relationship between f
V and fR
after returning from power-down, the PFD output is unpredictable and may give rise to a
significant jump in the VCO’s frequency which will result in an increased lock-up time.
To prevent this, the FS8170 employs an intermittent control circuit to limit the magnitude
of the error signal generated by the phase detector when it returns to normal operation,
thus ensuring a much quicker return to the fully phase-locked condition.
Table 8: Setting for the pin EN
EN
Status
H
Normal operation mode
L
Power-down mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com