Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS8170 Datasheet(PDF) 7 Page - Princeton Technology Corp

Part # FS8170
Description  2.5 GHz Low Power Phase-locked Loop IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

FS8170 Datasheet(HTML) 7 Page - Princeton Technology Corp

Back Button FS8170 Datasheet HTML 3Page - Princeton Technology Corp FS8170 Datasheet HTML 4Page - Princeton Technology Corp FS8170 Datasheet HTML 5Page - Princeton Technology Corp FS8170 Datasheet HTML 6Page - Princeton Technology Corp FS8170 Datasheet HTML 7Page - Princeton Technology Corp FS8170 Datasheet HTML 8Page - Princeton Technology Corp FS8170 Datasheet HTML 9Page - Princeton Technology Corp FS8170 Datasheet HTML 10Page - Princeton Technology Corp FS8170 Datasheet HTML 11Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
FS8170
Page 7
July 2005
Fig. 1 – Serial data input waveforms
t
SU1
t
SU2
t
HOLD1
DATA
CLK
LE
DATA
CLK
LE
18 17 16 15 14 13 12 11 10 9 8
7654
3
19
21
Parameter
Min.
Typ.
Max.
Unit
t
SU1
10
ns
t
SU2
20
ns
t
HOLD1
10
ns
CB
Control bit for selecting the 0:N or 1: R latch
A1 to A7
Control bits for setting the divide ratio of the programmable swallow counter (0 to 127)
N1 to N11
Control bits for setting the divide ratio of the programmable main counter (3 to 2047)
R1 to R14
Control bits for setting the divide ratio of the programmable reference counter (3 to 16383)
SW
Control bit for setting the divide ratio of the prescaler (32/33 or 64/65)
FC
Control bit for setting the polarity of the phase/frequency detector
LDS
Control bit for selecting the output for the FOLD pin
CS
Control bit for setting the charge pump current level
Table 1: Serial data input format
12345678
9
10
11
12
13
14
15
16
17
18
19
C
B
A
1
A
2
A
3
A
4
A
5
A
6
A
7
N
1
N
2
N
3
N
4
N
5
N
6
N
7
N
8
N
9
N
10
N
11
R
1
R
2
R
3
R
4
R
5
R
6
R
7
R
8
R
9
R
10
R
11
R
12
R
13
R
14
S
W
F
C
L
D
S
C
S
MSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com