Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS8170 Datasheet(PDF) 6 Page - Princeton Technology Corp

Part # FS8170
Description  2.5 GHz Low Power Phase-locked Loop IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

FS8170 Datasheet(HTML) 6 Page - Princeton Technology Corp

Back Button FS8170 Datasheet HTML 2Page - Princeton Technology Corp FS8170 Datasheet HTML 3Page - Princeton Technology Corp FS8170 Datasheet HTML 4Page - Princeton Technology Corp FS8170 Datasheet HTML 5Page - Princeton Technology Corp FS8170 Datasheet HTML 6Page - Princeton Technology Corp FS8170 Datasheet HTML 7Page - Princeton Technology Corp FS8170 Datasheet HTML 8Page - Princeton Technology Corp FS8170 Datasheet HTML 9Page - Princeton Technology Corp FS8170 Datasheet HTML 10Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
FS8170
Page 6
July 2005
Functional Description
Programmable Input Frequency Divider
The VCO output to the FIN pin is divided by the programmable divider and then inter-
nally output to the phase/frequency detector (PFD) as f
V. The programmable input fre-
quency divider consists of a multi-modulus (selectable ÷ 32/33 or ÷ 64/65 (M/M+1))
prescaler and a 18-bit N-counter, which is further comprised of a 7-bit swallow A-counter,
and a 11-bit main B-counter. The total divide ratio, N, is related to values for M, A, and B
through the relation
with
The minimum programmable divisor for continuous counting is given by
, and is
for the ÷ 32/33 prescaler mode, and is
for the ÷ 64/65 mode. Hence, the valid total divide ratio range for
the input divider is
for the ÷ 32/33 mode and
for
the ÷ 64/65 mode.
Programmable Reference Frequency Divider
The crystal oscillator output is divided by the programmable reference divider and then
internally output to the PFD as f
R. The programmable reference frequency divider con-
sists of a 14-bit reference R-counter. Becasue of its specific design, the minimum accept-
able divisor for R is 3, and hence the total divide ratio, R, ranges from 3 to 16383.
Shift Register Configuration
The divide ratios for the input and reference dividers are input using a 19-bit serial inter-
face consisting of separate clock (CLK), data (DATA), and load enable (LE) lines. The
format of the serial data is shown in Table 1. The data on the DATA line is written to the
shift register on the rising edge of the CLK signal and is input with MSB first, and the last
bit is used as the latch select control bit. The data on the DATA line should be changed on
the falling edge of CLK, and LE should be held LOW while data is being written to the
shift register. Data is transferred from the shift register to one of the frequency divider
latches when LE is set HIGH. When the latch select control bit is set LOW, data is loaded
to the 18-bit N-counter latch, and when the latch select control bit is set HIGH, the 4
MSBs are recognized as CS, LDS, FC, SW, respectively, and the next 14 data bits are
loaded to the 14-bit R-counter latch. The definition of the 4 MSBs will be described in
Table 5 and 6. Note that LDS should be set LOW for normal operation.
Also, serial input data timing waveforms are shown in Fig. 1.
NM
1
+
() AM
B A
()
×
+
×
MB
A,
+
×
==
BA.
MM 1
()
×
32
32
1
()
×
992
=
64
64 1
()
×
4032
=
N
992 to 65631
=
N
4032 to 131135
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com