Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC060 Datasheet(PDF) 85 Page - Maxim Integrated Products

Part # VSC060
Description  Enhanced High-Density Two-Wire Serial Backplane Controller
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

VSC060 Datasheet(HTML) 85 Page - Maxim Integrated Products

Back Button VSC060 Datasheet HTML 81Page - Maxim Integrated Products VSC060 Datasheet HTML 82Page - Maxim Integrated Products VSC060 Datasheet HTML 83Page - Maxim Integrated Products VSC060 Datasheet HTML 84Page - Maxim Integrated Products VSC060 Datasheet HTML 85Page - Maxim Integrated Products VSC060 Datasheet HTML 86Page - Maxim Integrated Products VSC060 Datasheet HTML 87Page - Maxim Integrated Products VSC060 Datasheet HTML 88Page - Maxim Integrated Products VSC060 Datasheet HTML 89Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 166 page
background image
85 of 166
VSC060
Data Sheet
Revision 4.1
January 2008
3.2.89 70h: Pulse Train Control 00 (PTC00)
This register, along with the PTC01 register, provides a user-programmable LED flashing pulse train. The
user can adjust the pulse duration, the pulse train length, and the on/off time to derive a specific visual
indication. The PTC00 register provides eight of the twelve bits available in the programmable pulse train.
The PTC01 register contains two bits of pulse-width programmability, two bits of pulse train length
programmability, and the remaining four bits of the programmable pulse train.
As an example, the pulse train can be used to develop a visual heartbeat indication by programming the
PTC00 register with a 45h and the PTC01 register with a C1h. This combination develops a pulse train
with two blinks followed by a gap with the on times of the LED equal to 125 ms.
If the default values of this register or the PTC01 register are modified, synchronization to LED flash rates
programmed in other VSC060 devices is disabled.
The following table shows the bit assignments for the Pulse Train Control 00 register.
Register Name:
PTC00
Address:
70h
Reset Value:
0000_0000b
Bit
Bit Label
Access
Description
7:0
PT7-0
R/W
Pulse Train
These eight bits are the first bits shifted out from 0 to 7 and define the on/off
time for the flash rate.
1: defines LED on time.
0: defines LED off time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com