Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC060 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # VSC060
Description  Enhanced High-Density Two-Wire Serial Backplane Controller
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

VSC060 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button VSC060 Datasheet HTML 10Page - Maxim Integrated Products VSC060 Datasheet HTML 11Page - Maxim Integrated Products VSC060 Datasheet HTML 12Page - Maxim Integrated Products VSC060 Datasheet HTML 13Page - Maxim Integrated Products VSC060 Datasheet HTML 14Page - Maxim Integrated Products VSC060 Datasheet HTML 15Page - Maxim Integrated Products VSC060 Datasheet HTML 16Page - Maxim Integrated Products VSC060 Datasheet HTML 17Page - Maxim Integrated Products VSC060 Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 166 page
background image
14 of 166
VSC060
Data Sheet
Revision 4.1
January 2008
2.3
I/O Logic
Each general-purpose 5-V tolerant I/O pin is controlled by a set of registers in the Control register block.
The I/O supports a high current drive output buffer that can be configured as a totem pole or open-drain
driver. The input section of the I/O supports TTL signaling and includes an internal weak pull-up device.
This allows unused I/O pins to be left unconnected without high-current drain issues. The port bypass
control I/O pins, which are shared with Port 3, Port 4, Port 5, and Port 6, are generated using the same
buffer logic as the other ports. When enabled in Port Bypass Control mode, internal logic overrides the
existing configuration, with each I/O pin dedicated to the specific port bypass function. All I/O lines
default as inputs with the weak internal pull-up enabled.
2.4
Clock Generator
Clock generation for the device is composed of an internal oscillator, divider circuits, and a distribution
network. It supports nominal clock frequencies of:
●
8.0 MHz
●
8.33 MHz
●
8.854 MHz
●
10.0 MHz
●
33.33 MHz
●
40.0 MHz
●
50.0 MHz
●
53.125 MHz
The three CKSEL inputs select one of the eight available fixed clock frequencies. The internal low-
frequency clock (8.0 MHz to 12.5 MHz) is used for filtering incoming serial interface signals and interrupt
sources, as well as for clocking the slave state machine. Divided clocks provide the source for LED flash
rate generators. The oscillator provides a stable clock source for the device and requires the use of an off-
chip crystal with a frequency of 8.0 MHz, 8.33 MHz, 8.854 MHz, or 10.0 MHz and related passive
components or external clock source. The available fixed clock rates have been selected to allow the use of
other system clocks which may be available as well as low-cost crystals.
The following table describes the CKSEL settings for the available fixed input clocks and the associated
divider value.
Table 1. CKSEL Settings
CKSEL2
CKSEL1
CKSEL0
Input Clock
Divider
Internal Clock
VSS
VSS
VSS
10.0 MHz
N/A
10.0 MHz
VSS
VSS
VDD
8.33 MHz
N/A
8.33 MHz
VSS
VDD
VSS
8.854 MHz
N/A
8.854 MHz
VSS
VDD
VDD
8.0 MHz
N/A
8.0 MHz
VDD
VSS
VSS
40.0 MHz
÷4
10.0 MHz
VDD
VSS
VDD
33.33 MHz
÷4
8.33 MHz
VDD
VDD
VSS
53.125 MHz
÷6
8.854 MHz
VDD
VDD
VDD
50.0 MHz
÷6
8.33 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com