Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC060 Datasheet(PDF) 22 Page - Maxim Integrated Products

Part # VSC060
Description  Enhanced High-Density Two-Wire Serial Backplane Controller
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

VSC060 Datasheet(HTML) 22 Page - Maxim Integrated Products

Back Button VSC060 Datasheet HTML 18Page - Maxim Integrated Products VSC060 Datasheet HTML 19Page - Maxim Integrated Products VSC060 Datasheet HTML 20Page - Maxim Integrated Products VSC060 Datasheet HTML 21Page - Maxim Integrated Products VSC060 Datasheet HTML 22Page - Maxim Integrated Products VSC060 Datasheet HTML 23Page - Maxim Integrated Products VSC060 Datasheet HTML 24Page - Maxim Integrated Products VSC060 Datasheet HTML 25Page - Maxim Integrated Products VSC060 Datasheet HTML 26Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 166 page
background image
22 of 166
VSC060
Data Sheet
Revision 4.1
January 2008
The following table provides the mapping of the register sets by address.
FDh
R/W
BCO
Backplane Controller Option Register
FEh
R/W
CDC
Clock Divider Control Register
FFh
R
VER
Backplane Controller Version Register
Table 3. Address Map
11b
10b
01b
00b
Address
GPD3
GPD2
GPD1
GPD0
00h
GPD7
GPD6
GPD5
GPD4
04h
GPD11
GPD10
GPD9
GPD8
08h
reserved
reserved
reserved
reserved
0Ch
DDP3
DDP2
DDP1
DDP0
10h
DDP7
DDP6
DDP5
DDP4
14h
DDP11
DDP10
DDP9
DDP8
18h
reserved
reserved
reserved
reserved
1Ch
PBC3
PBC2
PBC1
PBC0
20h
PBC7
PBC6
PBC5
PBC4
24h
PBC11
PBC10
PBC9
PBC8
28h
PBC15
PBC14
PBC13
PBC12
2Ch
reserved
FSCC0
FSCO0
FSC0
30h
reserved
FSCC1
FSCO1
FSC1
34h
reserved
FSCC2
FSCO2
FSC2
38h
reserved
FSCC3
FSCO3
FSC3
3Ch
reserved
FSCC4
FSCO4
FSC4
40h
reserved
FSCC5
FSCO5
FSC5
44h
reserved
FSCC6
FSCO6
FSC6
48h
reserved
FSCC7
FSCO7
FSC7
4Ch
reserved
FSCC8
FSCO8
FSC8
50h
reserved
FSCC9
FSCO9
FSC9
54h
reserved
FSCC10
FSCO10
FSC10
58h
reserved
FSCC11
FSCO11
FSC11
5Ch
reserved
FSCC12
FSCO12
FSC12
60h
reserved
FSCC13
FSCO13
FSC13
64h
reserved
FSCC14
FSCO14
FSC14
68h
reserved
FSCC15
FSCO15
FSC15
6Ch
PTC11
PTC10
PTC01
PTC00
70h
Table 2. Register Map (continued)
Data Memory
Address
Access
Label
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com