Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC060 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # VSC060
Description  Enhanced High-Density Two-Wire Serial Backplane Controller
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

VSC060 Datasheet(HTML) 2 Page - Maxim Integrated Products

  VSC060 Datasheet HTML 1Page - Maxim Integrated Products VSC060 Datasheet HTML 2Page - Maxim Integrated Products VSC060 Datasheet HTML 3Page - Maxim Integrated Products VSC060 Datasheet HTML 4Page - Maxim Integrated Products VSC060 Datasheet HTML 5Page - Maxim Integrated Products VSC060 Datasheet HTML 6Page - Maxim Integrated Products VSC060 Datasheet HTML 7Page - Maxim Integrated Products VSC060 Datasheet HTML 8Page - Maxim Integrated Products VSC060 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 166 page
background image
2 of 166
Revision 4.1
January 2008
VSC060
Data Sheet
Additional control features include: selectable flash rates for direct LED drive, input edge detection for interrupt
generation, input to output bypass capability, fan speed monitoring control, and pulse-width modulated output
control. Support for sub-addressing additional two-wire serial slave devices using a set of seven control registers is
included. This capability allows up to 24 independent Master mode two-wire serial slave ports to be created using 48
of the I/O pins.
The addressing capability of the VSC060 includes three pins, which are used for device addressing, as well as one pin
that can be used to select two device type identifiers. Sixteen VSC060 devices can be used in a single two-wire serial
interface system.
Block Diagram
Two-Wire
Slave
Interfac e
I nterrupt P riority and C ontrol
Cloc k
Generator
and
Dividers
I/O Ports
P0.0
- P0.7
Power-O n
Res et
CKSEL0
SDA
SCL
A2-A0
ASEL
INT#
OSCI
OSCO
CKSEL1
RE SE T #
CKSEL2
P1.0 - P1.7
P2.0 - P2.7
P3.0 - P3.7
P4.0 - P4.7
P5.0 - P5.7
Puls e-Width
Modulation
Control
Fan Speed
Sens ors
I/O Control
andLE D
Flas hing
PortBypas s
Control
P6.0 - P6.7
P7.0 - P7.7
P8.0 - P8.7
P9.0 - P9.7
P10.0 -
P10.7
P11.0 -
P11.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com