Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC060 Datasheet(PDF) 88 Page - Maxim Integrated Products

Part # VSC060
Description  Enhanced High-Density Two-Wire Serial Backplane Controller
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

VSC060 Datasheet(HTML) 88 Page - Maxim Integrated Products

Back Button VSC060 Datasheet HTML 84Page - Maxim Integrated Products VSC060 Datasheet HTML 85Page - Maxim Integrated Products VSC060 Datasheet HTML 86Page - Maxim Integrated Products VSC060 Datasheet HTML 87Page - Maxim Integrated Products VSC060 Datasheet HTML 88Page - Maxim Integrated Products VSC060 Datasheet HTML 89Page - Maxim Integrated Products VSC060 Datasheet HTML 90Page - Maxim Integrated Products VSC060 Datasheet HTML 91Page - Maxim Integrated Products VSC060 Datasheet HTML 92Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 166 page
background image
88 of 166
VSC060
Data Sheet
Revision 4.1
January 2008
3.2.92 73h: Pulse Train Control 11 (PTC11)
This register, along with the PTC10 register, provides a user-programmable LED flashing pulse train. The
user can adjust the pulse duration, the pulse train length, and the on/off time to derive a specific visual
indication. The PTC10 register provides eight of the twelve bits available in the programmable pulse train.
The PTC11 register contains two bits of pulse-width programmability, two bits of pulse train length
programmability, and the remaining four bits of the programmable pulse train.
As an example, the pulse train can be used to develop a visual heartbeat indication by programming the
PTC10 register with a 45h and the PTC11 register with a C1h. This combination develops a pulse train
with two blinks followed by a gap with the on times of the LED equal to 125 ms.
If the default values of this register or the PTC10 register are modified, synchronization to LED flash rates
programmed in other VSC060 devices is disabled.
The following table shows the bit assignments for the Pulse Train Control 11 register.
Register Name:
PTC11
Address:
73h
Reset Value:
0000_0000b
Bit
Bit Label
Access
Description
7:6
TPW1-0
R/W
Train Pulse Width
These two bits define the pulse width of each of the pulse train bits. The
available pulse widths are as follows:
5:4
PTL1-0
R/W
Pulse Train Length
These two bits define the pulse train length, which is the number of pulse train
bits that is shifted out before returning to bit 0. The available pulse train lengths
are as follows:
3:0
PT11-8
R/W
Pulse Train
These four bits are the last bits shifted out from 0 to 3 and define the on/off time
for the flash rate.
1: defines LED on time.
0: defines LED off time.
TPW1
TPW0
Train Pulse Width
0
0
41.67 ms
0
1
55.55 ms
1
0
83.33 ms
1
1
125 ms
PTL1
PTL0
Pulse Train Length
0
0
12 pulse train bits from 0 to 11
0
1
10 pulse train bits from 0 to 9
1
0
9 pulse train bits from 0 to 8
1
1
8 pulse train bits from 0 to 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com