Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC060 Datasheet(PDF) 19 Page - Maxim Integrated Products

Part # VSC060
Description  Enhanced High-Density Two-Wire Serial Backplane Controller
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

VSC060 Datasheet(HTML) 19 Page - Maxim Integrated Products

Back Button VSC060 Datasheet HTML 15Page - Maxim Integrated Products VSC060 Datasheet HTML 16Page - Maxim Integrated Products VSC060 Datasheet HTML 17Page - Maxim Integrated Products VSC060 Datasheet HTML 18Page - Maxim Integrated Products VSC060 Datasheet HTML 19Page - Maxim Integrated Products VSC060 Datasheet HTML 20Page - Maxim Integrated Products VSC060 Datasheet HTML 21Page - Maxim Integrated Products VSC060 Datasheet HTML 22Page - Maxim Integrated Products VSC060 Datasheet HTML 23Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 166 page
background image
19 of 166
VSC060
Data Sheet
Revision 4.1
January 2008
81h
R/W
BCP01
Bit Control Port 0 - Bit 1 Register
82h
R/W
BCP02
Bit Control Port 0 - Bit 2 Register
83h
R/W
BCP03
Bit Control Port 0 - Bit 3 Register
84h
R/W
BCP04
Bit Control Port 0 - Bit 4 Register
85h
R/W
BCP05
Bit Control Port 0 - Bit 5 Register
86h
R/W
BCP06
Bit Control Port 0 - Bit 6 Register
87h
R/W
BCP07
Bit Control Port 0 - Bit 7 Register
88h
R/W
BCP80
Bit Control Port 8 - Bit 0 Register
89h
R/W
BCP81
Bit Control Port 8 - Bit 1 Register
8Ah
R/W
BCP82
Bit Control Port 8 - Bit 2 Register
8Bh
R/W
BCP83
Bit Control Port 8 - Bit 3 Register
8Ch
R/W
BCP84
Bit Control Port 8 - Bit 4 Register
8Dh
R/W
BCP85
Bit Control Port 8 - Bit 5 Register
8Eh
R/W
BCP86
Bit Control Port 8 - Bit 6 Register
8Fh
R/W
BCP87
Bit Control Port 8 - Bit 7 Register
90h
R/W
BCP10
Bit Control Port 1 - Bit 0 Register
91h
R/W
BCP11
Bit Control Port 1 - Bit 1 Register
92h
R/W
BCP12
Bit Control Port 1 - Bit 2 Register
93h
R/W
BCP13
Bit Control Port 1 - Bit 3 Register
94h
R/W
BCP14
Bit Control Port 1 - Bit 4 Register
95h
R/W
BCP15
Bit Control Port 1 - Bit 5 Register
96h
R/W
BCP16
Bit Control Port 1 - Bit 6 Register
97h
R/W
BCP17
Bit Control Port 1 - Bit 7 Register
98h
R/W
BCP90
Bit Control Port 9 - Bit 0 Register
99h
R/W
BCP91
Bit Control Port 9 - Bit 1 Register
9Ah
R/W
BCP92
Bit Control Port 9 - Bit 2 Register
9Bh
R/W
BCP93
Bit Control Port 9 - Bit 3 Register
9Ch
R/W
BCP94
Bit Control Port 9 - Bit 4 Register
9Dh
R/W
BCP95
Bit Control Port 9 - Bit 5 Register
9Eh
R/W
BCP96
Bit Control Port 9 - Bit 6 Register
9Fh
R/W
BCP97
Bit Control Port 9 - Bit 7 Register
A0h
R/W
BCP20
Bit Control Port 2 - Bit 0 Register
A1h
R/W
BCP21
Bit Control Port 2 - Bit 1 Register
A2h
R/W
BCP22
Bit Control Port 2 - Bit 2 Register
A3h
R/W
BCP23
Bit Control Port 2 - Bit 3 Register
A4h
R/W
BCP24
Bit Control Port 2 - Bit 4 Register
A5h
R/W
BCP25
Bit Control Port 2 - Bit 5 Register
A6h
R/W
BCP26
Bit Control Port 2 - Bit 6 Register
A7h
R/W
BCP27
Bit Control Port 2 - Bit 7 Register
A8h
R/W
BCP100
Bit Control Port 10 - Bit 0 Register
Table 2. Register Map (continued)
Data Memory
Address
Access
Label
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com