Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC060 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # VSC060
Description  Enhanced High-Density Two-Wire Serial Backplane Controller
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

VSC060 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button VSC060 Datasheet HTML 9Page - Maxim Integrated Products VSC060 Datasheet HTML 10Page - Maxim Integrated Products VSC060 Datasheet HTML 11Page - Maxim Integrated Products VSC060 Datasheet HTML 12Page - Maxim Integrated Products VSC060 Datasheet HTML 13Page - Maxim Integrated Products VSC060 Datasheet HTML 14Page - Maxim Integrated Products VSC060 Datasheet HTML 15Page - Maxim Integrated Products VSC060 Datasheet HTML 16Page - Maxim Integrated Products VSC060 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 166 page
background image
13 of 166
VSC060
Data Sheet
Revision 4.1
January 2008
●
the fourth group supports the port bypass control function
●
the fifth group supports fan speed monitoring
●
the sixth group supports pulse-width modulated fan speed control
The VSC060 device contains 228 registers to support all required functions. In normal I/O operation, each
8-bit group of I/O pins are controlled by a pair of registers, Port Data and Data Direction. The use of these
pairs of registers allows each I/O line to be individually configured as an input with internal pull-up, output
or open-drain output with internal pull-up.
The bit control features are enabled through a separate register for each I/O pin. The Bit Control registers
allow the user to independently configure each I/O pin to enable one of the special control features, as well
as to control Port Data and Data Direction (which are shadowed copies of the standard control bits found
in the Port Data and Data Direction registers). Each I/O pin that has been configured as an input can also
be configured to assert the open-drain interrupt pin when a rising edge, a falling edge, or either edge is
detected on the I/O pin. An Interrupt Status register provides the user with a binary indication of which I/O
pin is the source of the current interrupt. Each I/O pin that is configured as an output can automatically
generate one of seven selectable flashing rates, which can be driven in an open source or open drain mode.
Additionally, two of the standard flash rates can be modified as well as eight dedicated programmable
circuits to generate user defined pulse trains for unique flashing sequences. By providing all I/O control
capability in a single register, the user can control the operation of the I/O on a pin-by-pin basis. Two
additional bits in the odd-numbered bit control registers of each port can configure the pin as an output,
which follows the corresponding even-numbered input of each port. As an example, P0.0 becomes the
input source of P0.1, which would be programmed as an output operating in one of the three available
modes. The outputs can be configured as totem pole, open-drain or open-source drive, allowing a closer
approximation of the input driver.
The Port Bypass registers control the operation of a selected group of I/O lines, which can be dedicated to
support various combinations of individual PBC/CRU/SDU functions and integrated solutions. Enabling
port bypass control causes the normal or bit control register settings to be overridden. Any further changes
to the affected registers have no effect. Each Port Bypass Control register automatically configures the I/O
lines to support a Force Bypass output and a Signal Detected input.
The Fan Speed registers control the operation of eight programmable inputs that can be used to monitor
signals from fans equipped with tachometer outputs. Enabling fan speed control causes the normal or bit
control register settings to be overridden. Any further changes to the affected registers have no effect. Each
group of three registers provides the capability to enable the function, to establish a user-defined RPM
overflow value that indicates a failure, and to determine the current RPM value of the fan. The digital
filters on the fan speed inputs can be enabled to increase the normal 100 ns to 200 ns filter to 400 ns to
500 ns.
The Pulse-Width Modulation Control registers enable internal logic to provide duty cycles of 0% to 100%
in 3% increments at default frequencies of 26 kHz, 52 kHz, and 104 kHz. Optionally, the PWM outputs
can be programmed for three additional frequency ranges of 5.2 kHz, 10.4 kHz, and 20.8 kHz or 1.04 kHz
2.08 kHz, and 4.16 kHz or 208 Hz, 416 Hz and 833 Hz. These outputs can vary the speed of up to eight
fans through the use of external drivers and power MOSFETs or pulse-width to voltage converters. They
can also be used to support other pulse-width modulated requirements within the system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com