Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC060 Datasheet(PDF) 35 Page - Maxim Integrated Products

Part # VSC060
Description  Enhanced High-Density Two-Wire Serial Backplane Controller
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

VSC060 Datasheet(HTML) 35 Page - Maxim Integrated Products

Back Button VSC060 Datasheet HTML 31Page - Maxim Integrated Products VSC060 Datasheet HTML 32Page - Maxim Integrated Products VSC060 Datasheet HTML 33Page - Maxim Integrated Products VSC060 Datasheet HTML 34Page - Maxim Integrated Products VSC060 Datasheet HTML 35Page - Maxim Integrated Products VSC060 Datasheet HTML 36Page - Maxim Integrated Products VSC060 Datasheet HTML 37Page - Maxim Integrated Products VSC060 Datasheet HTML 38Page - Maxim Integrated Products VSC060 Datasheet HTML 39Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 166 page
background image
35 of 166
VSC060
Data Sheet
Revision 4.1
January 2008
3.2.22 19h: I/O Port 9 Data Direction (DDP9)
The following table shows the bit assignments for the I/O Port 9 Data Direction register.
3.2.23 1Ah: I/O Port 10 Data Direction (DDP10)
The following table shows the bit assignments for the I/O Port 10 Data Direction register.
Register Name:
DDP9
Address:
19h
Reset Value:
1111_1111b
Bit
Bit Label
Access
Description
7:0
DDP9.7-0
R/W
Data Direction
These bits determine the direction of the data flow through the I/O pin.
To enable the respective I/O pin as an input, set the appropriate bit.
To enable the respective I/O pin as an output, reset the appropriate bit.
Each I/O pin can be individually configured as a true bidirectional function. To
implement an open-drain or open-source function, set or reset the appropriate
data bit using the data direction bit as the programmed data value.
After a reset or power on, these bits are set to a binary 1, enabling the I/O as
an input with weak pull-up.
Register Name:
DDP10
Address:
1Ah
Reset Value:
1111_1111b
Bit
Bit Label
Access
Description
7:0
DDP10.7-0
R/W
Data Direction
These bits determine the direction of the data flow through the I/O pin.
To enable the respective I/O pin as an input, set the appropriate bit.
To enable the respective I/O pin as an output, reset the appropriate bit.
Each I/O pin can be individually configured as a true bidirectional function. To
implement an open-drain or open-source function, set or reset the appropriate
data bit using the data direction bit as the programmed data value.
After a reset or power on, these bits are set to a binary 1, enabling the I/O as
an input with weak pull-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com