Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC060 Datasheet(PDF) 25 Page - Maxim Integrated Products

Part # VSC060
Description  Enhanced High-Density Two-Wire Serial Backplane Controller
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

VSC060 Datasheet(HTML) 25 Page - Maxim Integrated Products

Back Button VSC060 Datasheet HTML 21Page - Maxim Integrated Products VSC060 Datasheet HTML 22Page - Maxim Integrated Products VSC060 Datasheet HTML 23Page - Maxim Integrated Products VSC060 Datasheet HTML 24Page - Maxim Integrated Products VSC060 Datasheet HTML 25Page - Maxim Integrated Products VSC060 Datasheet HTML 26Page - Maxim Integrated Products VSC060 Datasheet HTML 27Page - Maxim Integrated Products VSC060 Datasheet HTML 28Page - Maxim Integrated Products VSC060 Datasheet HTML 29Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 166 page
background image
25 of 166
VSC060
Data Sheet
Revision 4.1
January 2008
3.2.2
01h: General-Purpose I/O Port 1 Data (GPD1)
The following table shows the bit assignments for the General-Purpose I/O Port 1 Data register.
3.2.3
02h: General-Purpose I/O Port 2 Data (GPD2)
The following table shows the bit assignments for the General-Purpose I/O Port 2 Data register.
Register Name:
GPD1
Address:
01h
Reset Value:
XXXX_XXXXb
Bit
Bit Label
Access Description
7:0
GPD1.7-0
R/W
General-Purpose Data
When the I/O pin is enabled as an output, writing these bits determines the data
value that will be present on the corresponding I/O pin.
If the I/O pin is enabled as an input, reading these register bits represents the
current voltage applied to the pin. At no time do the bits directly represent the
value latched into the data register
If a pin is enabled as an input and there is no signal applied, weak internal pull-up
resistors hold the pin at a binary 1.
After a reset or power on, the register bits are set to a binary 1, however, the value
returned from a register read is the level applied to the pin since each pin is an
input by default.
Register Name:
GPD2
Address:
02h
Reset Value:
XXXX_XXXXb
Bit
Bit Label
Access Description
7:0
GPD2.7-0
R/W
General-Purpose Data
When the I/O pin is enabled as an output, writing these bits determines the data
value that will be present on the corresponding I/O pin.
If the I/O pin is enabled as an input, reading these register bits represents the
current voltage applied to the pin. At no time do the bits directly represent the
value latched into the data register.
If a pin is enabled as an input and there is no signal applied, weak internal pull-up
resistors hold the pin at a binary 1.
After a reset or power on, the register bits are set to a binary 1, however, the
value returned from a register read is the level applied to the pin since each pin is
an input by default.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com