Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC060 Datasheet(PDF) 61 Page - Maxim Integrated Products

Part # VSC060
Description  Enhanced High-Density Two-Wire Serial Backplane Controller
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

VSC060 Datasheet(HTML) 61 Page - Maxim Integrated Products

Back Button VSC060 Datasheet HTML 57Page - Maxim Integrated Products VSC060 Datasheet HTML 58Page - Maxim Integrated Products VSC060 Datasheet HTML 59Page - Maxim Integrated Products VSC060 Datasheet HTML 60Page - Maxim Integrated Products VSC060 Datasheet HTML 61Page - Maxim Integrated Products VSC060 Datasheet HTML 62Page - Maxim Integrated Products VSC060 Datasheet HTML 63Page - Maxim Integrated Products VSC060 Datasheet HTML 64Page - Maxim Integrated Products VSC060 Datasheet HTML 65Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 166 page
background image
61 of 166
VSC060
Data Sheet
Revision 4.1
January 2008
3.2.53 40h: Fan Speed Control 4 (FSC4)
The following table shows the bit assignments for the Fan Speed Control 4 register. This register functions
same the Fan Speed Control 0 register except it affects the P1.4 pin.
Register Name:
FSC4
Address:
40h
Reset Value:
00XX_XX00b
Bit
Bit Label
Access
Description
7
FSCEN
R/W
Fan Speed Control Enable
When this bit is set, P1.4 is automatically configured to provide a fan speed
monitoring input. Configurations for this I/O pin that may have been previously
enabled through other control registers are overridden, except for the bypass
select function (bits 6 and 5 of the appropriate bit control registers). If the
appropriate bypass bits are set, the odd-numbered fan speed input pins (P1.1,
P1.3, P1.5, P1.7, P2.1, P2.3, P2.5, or P2.7) are configured as outputs.
When this bit is reset, the remaining bits in this register have no effect on the
operation of P1.4.
When enabled as a fan speed monitoring input, pulses from the fan tachometer
output gate an internal 20 kHz clock into an 8-bit counter. A divisor value stored
in bits 1 and 0 of this register allow the user to select one of four nominal RPM
values based on fan tachometer outputs, which pulse twice per revolution. The
FSCC4 register provides the user with an accurate binary fan speed count
value that can be used to determine the current RPM value of the fan. Incoming
pulses are filtered and conditioned to accommodate the slow rise and fall times
typical of fan tachometer outputs.
The maximum input signal is limited to a range of VSS to VDD. If this input is
supplied from a fan tachometer output that exceeds this range, external
components are required to limit the signal to an acceptable range.
6
FSIEN
R/W
Fan Speed Interrupt Enable
When this bit is set, the P1.4 input generates an interrupt if the 8-bit counter
value is greater than or equal to the count overflow value loaded into the
FSCO4 register. If this condition occurs, the INT# pin asserts and a binary
value equal to the address of this register appears in the BCIS register.
When this bit is reset, the fan speed monitoring logic does not generate an
interrupt condition.
5:2
RES
R
Reserved.
1:0
FD1-0
R/W
Fan Divisor
These two bits determine the divisor value used to determine the correct range
of RPM values supplied to the 8-bit fan speed counter. The available fan divisor
values are as follows:
The decimal count value can be calculated using the following equation:
Decimal count value = (1,200,000) / (RPM × divisor)
Any nominal RPM value can be used in the above equation with the appropriate
divisor as long as the maximum non-failure count value does not exceed the
limits of an 8-bit counter. Typical applications may consider 60% to 70% of
nominal RPM a fan failure, which would result in a decimal count value of 250
(FAh) and 214 (D6h), respectively, at the above stated RPM values.
FD1
FD0
Divisor
Nominal RPM
Decimal Count Value
0
0
1
8000
150 (96h)
0
1
2
4000
150 (96h)
1
0
4
2000
150 (96h)
1
1
8
1000
150 (96h)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com