Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC060 Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # VSC060
Description  Enhanced High-Density Two-Wire Serial Backplane Controller
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

VSC060 Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button VSC060 Datasheet HTML 12Page - Maxim Integrated Products VSC060 Datasheet HTML 13Page - Maxim Integrated Products VSC060 Datasheet HTML 14Page - Maxim Integrated Products VSC060 Datasheet HTML 15Page - Maxim Integrated Products VSC060 Datasheet HTML 16Page - Maxim Integrated Products VSC060 Datasheet HTML 17Page - Maxim Integrated Products VSC060 Datasheet HTML 18Page - Maxim Integrated Products VSC060 Datasheet HTML 19Page - Maxim Integrated Products VSC060 Datasheet HTML 20Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 166 page
background image
16 of 166
VSC060
Data Sheet
Revision 4.1
January 2008
3Registers
This section contains descriptions for the device-specific control registers. All register locations are fixed
within the device and are mapped for easy access, as well as for future enhancements.
3.1
Control Registers
The control register section is separated into three sub-sections: a register map, an address map, and bit
level descriptions of all registers. The register map lists all registers by operating address. The address map
shows the relative layout of all control registers.
Although all registers can be accessed at any time and no register function interferes with the operation of
the serial interface, changing register bits does have an immediate effect on the respective I/O lines.
The following table provides the mapping of the registers.
Table 2. Register Map
Data Memory
Address
Access
Label
Description
00h
R/W
GPD0
General-Purpose I/O Port 0 Data Register
01h
R/W
GPD1
General-Purpose I/O Port 1 Data Register
02h
R/W
GPD2
General-Purpose I/O Port 2 Data Register
03h
R/W
GPD3
General-Purpose I/O Port 3 Data Register
04h
R/W
GPD4
General-Purpose I/O Port 4 Data Register
05h
R/W
GPD5
General-Purpose I/O Port 5 Data Register
06h
R/W
GPD6
General-Purpose I/O Port 6 Data Register
07h
R/W
GPD7
General-Purpose I/O Port 7 Data Register
08h
R/W
GPD8
General-Purpose I/O Port 8 Data Register
09h
R/W
GPD9
General-Purpose I/O Port 9 Data Register
0Ah
R/W
GPD10
General-Purpose I/O Port 10 Data Register
0Bh
R/W
GPD11
General-Purpose I/O Port 11 Data Register
10h
R/W
DDP0
I/O Port 0 Data Direction Register
11h
R/W
DDP1
I/O Port 1 Data Direction Register
12h
R/W
DDP2
I/O Port 2 Data Direction Register
13h
R/W
DDP3
I/O Port 3 Data Direction Register
14h
R/W
DDP4
I/O Port 4 Data Direction Register
15h
R/W
DDP5
I/O Port 5 Data Direction Register
16h
R/W
DDP6
I/O Port 6 Data Direction Register
17h
R/W
DDP7
I/O Port 7 Data Direction Register
18h
R/W
DDP8
I/O Port 8 Data Direction Register
19h
R/W
DDP9
I/O Port 9 Data Direction Register
1Ah
R/W
DDP10
I/O Port 10 Data Direction Register
1Bh
R/W
DDP11
I/O Port 11 Data Direction Register
20h
R/W
PBC0
Port Bypass Control 0 Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com