Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

910GL Datasheet(PDF) 134 Page - Intel Corporation

Part # 910GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

910GL Datasheet(HTML) 134 Page - Intel Corporation

Back Button 910GL Datasheet HTML 130Page - Intel Corporation 910GL Datasheet HTML 131Page - Intel Corporation 910GL Datasheet HTML 132Page - Intel Corporation 910GL Datasheet HTML 133Page - Intel Corporation 910GL Datasheet HTML 134Page - Intel Corporation 910GL Datasheet HTML 135Page - Intel Corporation 910GL Datasheet HTML 136Page - Intel Corporation 910GL Datasheet HTML 137Page - Intel Corporation 910GL Datasheet HTML 138Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 426 page
background image
Host-PCI Express* Bridge Registers (D1:F0)
(Intel® 82915G/82915P/82915PL Only)
R
134
Datasheet
8.1.10
SBUSN1—Secondary Bus Number (D1:F0)
PCI Device:
1
Address Offset:
19h
Default Value:
00h
Access:
RO
Size:
8 bits
This register identifies the bus number assigned to the second bus side of the “virtual” bridge i.e.
to PCI Express Graphics. This number is programmed by the PCI configuration software to allow
mapping of configuration cycles to PCI Express Graphics.
Bit
Access &
Default
Description
7:0
R/W
00h
Secondary Bus Number (BUSN): This field is programmed by configuration
software with the bus number assigned to PCI Express*-G.
8.1.11
SUBUSN1—Subordinate Bus Number (D1:F0)
PCI Device:
1
Address Offset:
1Ah
Default Value:
00h
Access:
R/W
Size:
8 bits
This register identifies the subordinate bus (if any) that resides at the level below PCI Express
Graphics. This number is programmed by the PCI configuration software to allow mapping of
configuration cycles to PCI Express Graphics.
Bit
Access &
Default
Description
7:0
R/W
00h
Subordinate Bus Number (BUSN): This register is programmed by
configuration software with the number of the highest subordinate bus that lies
behind the device 1 bridge. When only a single PCI device resides on the PCI
Express*-G segment, this register will contain the same value as the SBUSN1
register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com