Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

910GL Datasheet(PDF) 130 Page - Intel Corporation

Part # 910GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

910GL Datasheet(HTML) 130 Page - Intel Corporation

Back Button 910GL Datasheet HTML 126Page - Intel Corporation 910GL Datasheet HTML 127Page - Intel Corporation 910GL Datasheet HTML 128Page - Intel Corporation 910GL Datasheet HTML 129Page - Intel Corporation 910GL Datasheet HTML 130Page - Intel Corporation 910GL Datasheet HTML 131Page - Intel Corporation 910GL Datasheet HTML 132Page - Intel Corporation 910GL Datasheet HTML 133Page - Intel Corporation 910GL Datasheet HTML 134Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 426 page
background image
Host-PCI Express* Bridge Registers (D1:F0)
(Intel® 82915G/82915P/82915PL Only)
R
130
Datasheet
Bit
Access &
Default
Description
2
R/W
0b
Bus Master Enable (BME): This bit does not affect forwarding of completions
from the primary interface to the secondary interface.
0 = This device is prevented from making memory or I/O requests to its primary
bus. Note that according to the PCI specification, as MSI interrupt messages
are in-band memory writes, disabling the bus master enable bit prevents this
device from generating MSI interrupt messages or passing them from its
secondary bus to its primary bus. Upstream memory writes/reads, I/O
writes/reads, peer writes/reads, and MSIs will all be treated as illegal cycles.
Writes are forwarded to memory address 0h with byte enables de-asserted.
Reads will be forwarded to memory address 0h and will return Unsupported
Request status (or Master abort) in its completion packet.
1 = This device is allowed to issue requests to its primary bus. Completions for
previously issued memory read requests on the primary bus will be issued
when the data is available.
1
R/W
0b
Memory Access Enable (MAE)
0 = All of device 1’s memory space is disabled.
1 = Enable the Memory and Pre-fetchable memory address ranges defined in the
MBASE1, MLIMIT1, PMBASE1, and PMLIMIT1 registers.
0
R/W
0b
IO Access Enable (IOAE)
0 = All of device 1’s I/O space is disabled.
1 = Enable the I/O address range defined in the IOBASE1 and IOLIMIT1
registers.
8.1.4
PCISTS1—PCI Status (D1:F0)
PCI Device:
1
Address Offset:
06h
Default Value:
0000h
Access:
RO, R/W/C
Size:
16 bits
This register reports the occurrence of error conditions associated with primary side of the
“virtual” Host-PCI Express bridge in the (G)MCH.
Bit
Access &
Default
Description
15
RO
0b
Detected Parity Error (DPE): Hardwired to 0. Parity (generating poisoned TLPs)
is not supported on the primary side of this device.
14
R/WC
0b
Signaled System Error (SSE):
1 = This bit is set when this Device sends an SERR due to detecting an
ERR_FATAL or ERR_NONFATAL condition and the SERR Enable bit in the
Command register is ‘1’. Both received (if enabled by BCTRL1[1]) and
internally detected error messages do not affect this field.
13
RO
0b
Received Master Abort Status (RMAS): Not Applicable or Implemented.
Hardwired to 0. The concept of a master abort does not exist on primary side of
this device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com