Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

910GL Datasheet(PDF) 129 Page - Intel Corporation

Part # 910GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

910GL Datasheet(HTML) 129 Page - Intel Corporation

Back Button 910GL Datasheet HTML 125Page - Intel Corporation 910GL Datasheet HTML 126Page - Intel Corporation 910GL Datasheet HTML 127Page - Intel Corporation 910GL Datasheet HTML 128Page - Intel Corporation 910GL Datasheet HTML 129Page - Intel Corporation 910GL Datasheet HTML 130Page - Intel Corporation 910GL Datasheet HTML 131Page - Intel Corporation 910GL Datasheet HTML 132Page - Intel Corporation 910GL Datasheet HTML 133Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 426 page
background image
Host-PCI Express* Bridge Registers (D1:F0)
(Intel® 82915G/82915P/82915PL Only)
R
Datasheet
129
8.1.3
PCICMD1—PCI Command (D1:F0)
PCI Device:
1
Address Offset:
04h
Default Value:
0000h
Access:
RO, R/W
Size:
16 bits
Bit
Access &
Default
Description
15:11
Reserved
10
R/W
0b
INTA Assertion Disable:
0 = This device is permitted to generate INTA interrupt messages.
1 = This device is prevented from generating interrupt messages.
Any INTA emulation interrupts already asserted must be de-asserted when this
bit is set.
Only affects interrupts generated by the device (PCI INTA from a PME or Hot
Plug event) controlled by this command register. It does not affect upstream
MSIs, upstream PCI INTA-INTD asserts and de-assert messages.
9
RO
0b
Fast Back-to-Back Enable (FB2B): Not Applicable or Implemented. Hardwired
to 0.
8
R/W
0b
SERR Message Enable (SERRE1): This bit is an enable bit for Device 1 SERR
messaging. The (G)MCH communicates the SERR# condition by sending a
SERR message to the Intel
® ICH6. This bit, when set, enables reporting of non-
fatal and fatal errors to the Root Complex. Note that errors are reported if
enabled either through this bit or through the PCI Express* specific bits in the
Device Control Register
0 = The SERR message is generated by the (G)MCH for Device 1 only under
conditions enabled individually through the Device Control Register.
1 = The (G)MCH is enabled to generate SERR messages which will be sent to
the ICH6 for specific Device 1 error conditions that are individually enabled in
the BCTRL1 register and for all non-fatal and fatal errors generated on the
primary side of the virtual PCI to PCI Express bridge (not those received by
the secondary side). The error status is reported in the PCISTS1 register.
7
Reserved
6
R/WO
0b
Parity Error Enable (PERRE): This bit controls whether or not the Master Data
Parity Error bit in the PCI Status register can bet set.
0 = Master Data Parity Error bit in PCI Status register cannot be set.
1 = Master Data Parity Error bit in PCI Status register can be set.
5
RO
0b
VGA Palette Snoop: Hardwired to 0.
4
RO
0b
Memory Write and Invalidate Enable (MWIE): Hardwired to 0.
3
RO
0b
Special Cycle Enable (SCE): Hardwired to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com