Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

910GL Datasheet(PDF) 131 Page - Intel Corporation

Part # 910GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

910GL Datasheet(HTML) 131 Page - Intel Corporation

Back Button 910GL Datasheet HTML 127Page - Intel Corporation 910GL Datasheet HTML 128Page - Intel Corporation 910GL Datasheet HTML 129Page - Intel Corporation 910GL Datasheet HTML 130Page - Intel Corporation 910GL Datasheet HTML 131Page - Intel Corporation 910GL Datasheet HTML 132Page - Intel Corporation 910GL Datasheet HTML 133Page - Intel Corporation 910GL Datasheet HTML 134Page - Intel Corporation 910GL Datasheet HTML 135Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 426 page
background image
Host-PCI Express* Bridge Registers (D1:F0)
(Intel® 82915G/82915P/82915PL Only)
R
Datasheet
131
Bit
Access &
Default
Description
12
RO
0b
Received Target Abort Status (RTAS): Hardwired to 0. The concept of a target
abort does not exist on primary side of this device.
11
RO
0b
Signaled Target Abort Status (STAS): Hardwired to 0. The concept of a target
abort does not exist on primary side of this device.
10:9
RO
00b
DEVSELB Timing (DEVT): This device is not the subtractive decoded device on
bus 0. This bit field is therefore hardwired to 00b to indicate that the device uses
the fastest possible decode.
8
RO
0b
Master Data Parity Error (PMDPE): Because the primary side of the PCI
Express* x16 Graphics Interface’s virtual PCI-to-PCI bridge is integrated with the
(G)MCH functionality, there is no scenario where this bit will get set. Because
hardware will never set this bit, it is impossible for software to have an
opportunity to clear this bit or otherwise test that it is implemented. The PCI
specification defines it as a R/WC; however, for this implementation, an RO
definition behaves the same way and will meet all Microsoft testing requirements.
This bit can only be set when the Parity Error Enable bit in the PCI Command
register is set.
7
RO
0b
Fast Back-to-Back (FB2B): Hardwired to 0.
6
Reserved
5
RO
0b
66/60MHz capability (CAP66): Hardwired to 0.
4
RO
1b
Capabilities List: This bit indicates that a capabilities list is present. Hardwired
to 1.
3
RO
0b
INTA Status: This field indicates that an interrupt message is pending internally
to the device. Only PME and Hot Plug sources feed into this status bit (not PCI
INTA-INTD assert and de-assert messages). The INTA Assertion Disable bit,
PCICMD1[10], has no effect on this bit.
2:0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com