Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

910GL Datasheet(PDF) 128 Page - Intel Corporation

Part # 910GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

910GL Datasheet(HTML) 128 Page - Intel Corporation

Back Button 910GL Datasheet HTML 124Page - Intel Corporation 910GL Datasheet HTML 125Page - Intel Corporation 910GL Datasheet HTML 126Page - Intel Corporation 910GL Datasheet HTML 127Page - Intel Corporation 910GL Datasheet HTML 128Page - Intel Corporation 910GL Datasheet HTML 129Page - Intel Corporation 910GL Datasheet HTML 130Page - Intel Corporation 910GL Datasheet HTML 131Page - Intel Corporation 910GL Datasheet HTML 132Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 426 page
background image
Host-PCI Express* Bridge Registers (D1:F0)
(Intel® 82915G/82915P/82915PL Only)
R
128
Datasheet
8.1
Host-PCI Express* Bridge PCI Register Details
(D1:F0)
8.1.1
VID1—Vendor Identification (D1:F0)
PCI Device:
1
Address Offset:
00h
Default Value:
8086h
Access:
RO
Size:
16 bits
This register combined with the Device Identification register uniquely identifies any PCI device.
Bit
Access &
Default
Description
15:0
RO
8086h
Vendor Identification (VID1): PCI standard identification for Intel.
8.1.2
DID1—Device Identification (D1:F0)
PCI Device:
1
Address Offset:
02h
Default Value:
2581h
Access:
RO
Size:
16 bits
This register combined with the Vendor Identification register uniquely identifies any PCI device.
Bit
Access &
Default
Description
15:0
RO
2581h
Device Identification Number (DID1): This field is an identifier assigned to the
(G)MCH device 1 (virtual PCI-to-PCI bridge, PCI Express* Graphics port).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com