Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

910GL Datasheet(PDF) 126 Page - Intel Corporation

Part # 910GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

910GL Datasheet(HTML) 126 Page - Intel Corporation

Back Button 910GL Datasheet HTML 122Page - Intel Corporation 910GL Datasheet HTML 123Page - Intel Corporation 910GL Datasheet HTML 124Page - Intel Corporation 910GL Datasheet HTML 125Page - Intel Corporation 910GL Datasheet HTML 126Page - Intel Corporation 910GL Datasheet HTML 127Page - Intel Corporation 910GL Datasheet HTML 128Page - Intel Corporation 910GL Datasheet HTML 129Page - Intel Corporation 910GL Datasheet HTML 130Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 426 page
background image
Host-PCI Express* Bridge Registers (D1:F0)
(Intel® 82915G/82915P/82915PL Only)
R
126
Datasheet
Address
Offset
Register
Symbol
Register Name
Default
Value
Access
0F–17h
—
Reserved
—
—
18h
PBUSN1
Primary Bus Number
00h
RO
19h
SBUSN1
Secondary Bus Number
00h
RO
1Ah
SUBUSN1
Subordinate Bus Number
00h
R/W
1Bh
—
Reserved
—
—
1Ch
IOBASE1
I/O Base Address
F0h
RO
1Dh
IOLIMIT1
I/O Limit Address
00h
R/W
1Eh–1Fh
SSTS1
Secondary Status
00h
RO, R/W/C
20–21h
MBASE1
Memory Base Address
FFF0h
R/W
22–23h
MLIMIT1
Memory Limit Address
0000h
R/W
24–25h
PMBASE1
Prefetchable Memory Base Address
FFF0h
RO, R/W
26–27h
PMLIMIT1
Prefetchable Memory Limit Address
0000h
RO, R/W
28–33h
—
Reserved
—
—
34h
CAPPTR1
Capabilities Pointer
88h
RO
35–3Bh
—
Reserved
—
—
3Ch
INTRLINE1
Interrupt Line
00h
R/W
3Dh
INTRPIN1
Interrupt Pin
00h
RO
3E–3Fh
BCTRL1
Bridge Control
0000h
RO, R/W
40–7Fh
—
Reserved
—
—
80–83h
PM_CAPID1
Power Management Capabilities
19029001h
or
1902A001h
RO
84–87h
PM_CS1
Power Management Control/Status
00000000h
RO, R/W/S
88–8Bh
SS_CAPID
Subsystem ID and Vendor ID Capabilities
0000800D
h
RO
8C–8Fh
SS
Subsystem ID and Subsystem Vendor ID
00008086h
RO
90–91h
MSI_CAPID
Message Signaled Interrupts Capability ID
A005h
RO
92–93h
MC
Message Control
0000h
RO, R/W
94–97h
MA
Message Address
00000000h
RO, R/W
98–99h
MD
Message Data
0000h
R/W
9A–9Fh
—
Reserved
—
—
A0–A1h
PEG_CAPL
PCI Express* Capability List
0010h
RO
A2–A3h
PEG_CAP
PCI Express Capabilities
0141h
RO
A4–A7h
DCAP
Device Capabilities
00000000h
RO
A8–A9h
DCTL
Device Control
0000h
R/W
AA–ABh
DSTS
Device Status
0000h
RO
AC–AFh
LCAP
Link Capabilities
02012E01h
R/WO
B0–B1h
LCTL
Link Control
0000h
RO, R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com