Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

910GL Datasheet(PDF) 247 Page - Intel Corporation

Part # 910GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

910GL Datasheet(HTML) 247 Page - Intel Corporation

Back Button 910GL Datasheet HTML 243Page - Intel Corporation 910GL Datasheet HTML 244Page - Intel Corporation 910GL Datasheet HTML 245Page - Intel Corporation 910GL Datasheet HTML 246Page - Intel Corporation 910GL Datasheet HTML 247Page - Intel Corporation 910GL Datasheet HTML 248Page - Intel Corporation 910GL Datasheet HTML 249Page - Intel Corporation 910GL Datasheet HTML 250Page - Intel Corporation 910GL Datasheet HTML 251Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 426 page
background image
Functional Description
R
Datasheet
247
12.7
Display Interfaces (Intel
®
82915G/82915GV/82915GL/ 82910GL GMCH Only)
The GMCH has three display ports; one analog and two digital. Each port can transmit data
according to one or more protocols. The digital ports are connected to an external device that
converts one protocol to another. Examples of this are TV encoders, external DACs, LVDS
transmitters, and TMDS transmitters. Each display port has control signals that may be used to
control, configure and/or determine the capabilities of an external device.
The analog port is a dedicated port (not multiplexed) on the 82915GV/82915GL/82910GL
GMCH. For the 82915G GMCH, the SDVO ports B and C are multiplexed with the PCI Express
graphics interface and are not available if an external PCI Express graphics device is in use. When
a 915G Express chipset system uses a PCI Express graphics connector, SDVO ports B and C can
be used via an ADD2 (Advanced Digital Display 2) card. Ports B and C can also operate in dual-
channel mode, where the data bus is connected to both display ports, allowing a single device to
take data at twice the pixel rate.
• The GMCH’s analog port uses an integrated 400 MHz RAMDAC that can directly drive a
standard progressive scan analog monitor up to a resolution of 2048x1536 pixels with 32-bit
color at 85 Hz.
• The GMCH’s SDVO ports are each capable of driving a 200-MP pixel rate. Each port is
capable of driving a digital display up to 1600x1200 @ 60Hz. When in dual-channel mode,
the GMCH can drive a flat panel up to 2048x1536 @ 85 Hz or dCRT/HDTV up to
1920x1080 @ 85 Hz.
The GMCH is compliant with DVI Specification 1.0. When combined with a DVI compliant
external device and connector, the GMCH has a high speed interface to a digital display
(e.g., flat panel or digital CRT).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com