Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

910GL Datasheet(PDF) 248 Page - Intel Corporation

Part # 910GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

910GL Datasheet(HTML) 248 Page - Intel Corporation

Back Button 910GL Datasheet HTML 244Page - Intel Corporation 910GL Datasheet HTML 245Page - Intel Corporation 910GL Datasheet HTML 246Page - Intel Corporation 910GL Datasheet HTML 247Page - Intel Corporation 910GL Datasheet HTML 248Page - Intel Corporation 910GL Datasheet HTML 249Page - Intel Corporation 910GL Datasheet HTML 250Page - Intel Corporation 910GL Datasheet HTML 251Page - Intel Corporation 910GL Datasheet HTML 252Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 426 page
background image
Functional Description
R
248
Datasheet
Table 12-6. Display Port Characteristics
Analog
Digital Port B
Digital Port C
Interface Protocol
RGB DAC
DVO 1.0
DVO 1.0
HSYNC
Yes Enable/Polarity
VSYNC
Yes Enable/Polarity
BLANK
No
Yes
1
Yes
1
STALL
No
Yes
Yes
Field
No
Yes
Yes
Display_Enable
No
No
1
Image Aspect Ratio
Programmable and typically 1.33:1 or 1.78:1
Pixel Aspect Ratio
Square
Voltage
RGB 0.7 V p-p
PCI Express*
PCI Express*
Clock
NA
Differential
Max Rate
400 Mpixel
200/400 Mpixel
Format
Analog RGB
RGB 8:8:8 YUV 4:4:4
Control Bus
DDC1/DDC2B
DDC2B
External Device
No
TMDS/LVDS Transmitter /TV Encoder
Connector
VGA/DVI-I
DVI/CVBS/S-Video/Component/SCART
NOTES:
1. Single signal software selectable between display enable and Blank#.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com