Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

910GL Datasheet(PDF) 249 Page - Intel Corporation

Part # 910GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

910GL Datasheet(HTML) 249 Page - Intel Corporation

Back Button 910GL Datasheet HTML 245Page - Intel Corporation 910GL Datasheet HTML 246Page - Intel Corporation 910GL Datasheet HTML 247Page - Intel Corporation 910GL Datasheet HTML 248Page - Intel Corporation 910GL Datasheet HTML 249Page - Intel Corporation 910GL Datasheet HTML 250Page - Intel Corporation 910GL Datasheet HTML 251Page - Intel Corporation 910GL Datasheet HTML 252Page - Intel Corporation 910GL Datasheet HTML 253Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 426 page
background image
Functional Description
R
Datasheet
249
12.7.1
Analog Display Port Characteristics
The analog display port provides a RGB signal output along with a HSYNC and VSYNC signal.
There is an associated DDC signal pair that is implemented using GPIO pins dedicated to the
analog port. The intended target device is for a CRT based monitor with a VGA connector.
Display devices (such as LCD panels) with analog inputs may work satisfactory but no
functionality has been added to the signals to enhance that capability.
Table 12-7. Analog Port Characteristics
Signal
Port Characteristic
Support
Voltage Range
0.7 V p-p only
Monitor Sense
Analog Compare
Analog Copy Protection
No
RGB
Sync on Green
No
Voltage
2.5 V
Enable/Disable
Port control
Polarity adjust
VGA or port control
Composite Sync Support
No
Special Flat Panel Sync
No
HSYNC
VSYNC
Stereo Sync
No
Voltage
Externally buffered to 5V
DDC
Control
Through GPIO interface
12.7.1.1
Integrated RAMDAC
The display function contains a RAM-based Digital-to-Analog Converter (RAMDAC) that
transforms the digital data from the graphics and video subsystems to analog data for the CRT
monitor. The GMCH’s integrated 400 MHz RAMDAC supports resolutions up to 2048 x 1536 @
85Hz. Three 8-bit DACs provide the RED, GREEN, and BLUE signals to the monitor.
12.7.1.2
Sync Signals
HSYNC and VSYNC signals are digital and conform to TTL signal levels at the connector. Since
these levels cannot be generated internal to the device, external level shifting buffers are required.
These signals can be polarity adjusted and individually disabled in one of the two possible states.
The sync signals power up disabled in the high state. No composite sync or special flat panel sync
support is included.
12.7.1.3
VESA/VGA Mode
VESA/VGA mode provides compatibility for pre-existing software that set the display mode
using the VGA CRTC registers. Timings are generated based on the VGA register values and the
timing generator registers are not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com