Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

910GL Datasheet(PDF) 253 Page - Intel Corporation

Part # 910GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

910GL Datasheet(HTML) 253 Page - Intel Corporation

Back Button 910GL Datasheet HTML 249Page - Intel Corporation 910GL Datasheet HTML 250Page - Intel Corporation 910GL Datasheet HTML 251Page - Intel Corporation 910GL Datasheet HTML 252Page - Intel Corporation 910GL Datasheet HTML 253Page - Intel Corporation 910GL Datasheet HTML 254Page - Intel Corporation 910GL Datasheet HTML 255Page - Intel Corporation 910GL Datasheet HTML 256Page - Intel Corporation 910GL Datasheet HTML 257Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 426 page
background image
Functional Description
R
Datasheet
253
Intel Dual Display Clone uses both display pipes to drive the same content, at the same resolution
and color depth to two different displays. This configuration allows for different refresh rates on
each display.
Intel Dual Display Twin uses one of the display pipes to drive the same content, at the same
resolution, color depth, and refresh rates to two different displays.
Extended Desktop (82915G only) uses both display pipes to drive different content, at potentially
different resolutions, refresh rates, and color depths to two different displays. This configuration
allows for a larger Windows Desktop by using both displays as a work surface.
Note:
The GMCH graphics engine is also incapable of operating in parallel with an external PCI
Express graphics device. The GMCH graphics engine can, however, work in conjunction with a
PCI graphics adapter.
12.8
Power Management
Power Management capabilities of the (G)MCH include the following:
• ACPI 1.0b support
• ACPI S0, S3, S4, S5, C0, C1, C2, C3, C4
• Enhanced power management state transitions for increasing time the processor spends in
low power states
• Internal Graphics Display Device Control D0, D1, D2, D3
(82915G/82915GV/82915GL/82910GL GMCH only)
• Graphics Adapter States: D0, D3.
• PCI Express Link States: L0, L0s, L1, L2/L3 Ready, L3
• Conditional memory Self-Refresh during C2, C3, and C4 states
12.9
Clocking
The (G)MCH has a total of 5 PLLs providing the internal clocks. The PLLs are:
• Host PLL – This PLL generates the main core clocks in the host clock domain. The host PLL
is used to generate memory and internal graphics core clocks. It uses the Host clock
(H_CLKIN) as a reference.
• PCI Express PLL (82915G/92915P/82915PL (G)MCH Only) – This PLL generates all PCI
Express related clocks, including the Direct Media Interface that connects to the ICH6. This
PLL uses the 100 MHz (G_CLKIN) as a reference.
• Display PLL A PLL (82915G/92915GV/82915GL/82910GL GMCH Only) – This PLL
generates the internal clocks for Display A. It uses D_REFCLKIN as a reference.
• Display PLL B (82915G/92915GV/82915GL/82910GL GMCH Only) – This PLL generates
the internal clocks for Display B. It uses D_REFCLKIN as a reference.
Figure 12-3 illustrates the various clocks in the platform.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com