Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

910GL Datasheet(PDF) 255 Page - Intel Corporation

Part # 910GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

910GL Datasheet(HTML) 255 Page - Intel Corporation

Back Button 910GL Datasheet HTML 251Page - Intel Corporation 910GL Datasheet HTML 252Page - Intel Corporation 910GL Datasheet HTML 253Page - Intel Corporation 910GL Datasheet HTML 254Page - Intel Corporation 910GL Datasheet HTML 255Page - Intel Corporation 910GL Datasheet HTML 256Page - Intel Corporation 910GL Datasheet HTML 257Page - Intel Corporation 910GL Datasheet HTML 258Page - Intel Corporation 910GL Datasheet HTML 259Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 426 page
background image
Electrical Characteristics
R
Datasheet
255
13
Electrical Characteristics
This chapter contains the (G)MCH absolute maximum electrical ratings, power dissipation values,
and DC characteristics.
13.1
Absolute Maximum Ratings
Table 13-1 lists the (G)MCH’s maximum environmental stress ratings. Functional operation at the
absolute maximum and minimum is neither implied nor guaranteed. Functional operating
parameters are listed in the DC characteristics tables.
Warning: Stressing the device beyond the “Absolute Maximum Ratings” may cause permanent damage.
These are stress ratings only. Operating beyond the “operating conditions” is not recommended
and extended exposure beyond “operating conditions” may affect reliability.
Table 13-1. Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Uni
t
Notes
Tstorage
Storage Temperature
-55
150
°C
1
(G)MCH Core
VCC
1.5 V Core Supply Voltage with respect to VSS
-0.3
1.65
V
Host Interface (533 MHz/800 MHz)
VTT
1.2 V System Bus Input Voltage with respect
to VSS
-0.3
1.65
V
VCCA_HPLL
1.5 V Host PLL Analog Supply Voltage with
respect to VSS
-0.3
1.65
V
DDR Interface (333 MHz/400 MHz)
VCCSM (DDR)
2.6 V DDR System Memory Supply Voltage
with respect to VSS
-0.3
4.0
V
VCCA_SMPLL
(DDR)
1.5 V System Memory PLL Analog Supply
Voltage with respect to VSS
-0.3
1.65
V
DDR2 Interface (400 MHz/533 MHz)
VCCSM (DDR2)
1.8 V DDR2 System Memory Supply Voltage
with Respect to VSS
-0.3
4.0
V
VCCA_SMPLL
(DDR2)
1.5 V System Memory PLL Analog Supply
Voltage with respect to VSS
-0.3
1.65
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com