Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

910GL Datasheet(PDF) 258 Page - Intel Corporation

Part # 910GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

910GL Datasheet(HTML) 258 Page - Intel Corporation

Back Button 910GL Datasheet HTML 254Page - Intel Corporation 910GL Datasheet HTML 255Page - Intel Corporation 910GL Datasheet HTML 256Page - Intel Corporation 910GL Datasheet HTML 257Page - Intel Corporation 910GL Datasheet HTML 258Page - Intel Corporation 910GL Datasheet HTML 259Page - Intel Corporation 910GL Datasheet HTML 260Page - Intel Corporation 910GL Datasheet HTML 261Page - Intel Corporation 910GL Datasheet HTML 262Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 426 page
background image
Electrical Characteristics
R
258
Datasheet
Table 13-3. DDR Power Characteristics
Symbol
Parameter
Min
Max
Unit
Notes
IVCCSM
(DDR)
DDR System Memory Interface (2.6 V) Supply
Current
—
4.1
A
ISUS_VCCSM
(DDR)
DDR System Memory Interface (2.6 V) Standby
Supply Current
—
25
mA
ISMVREF
(DDR)
DDR System Memory Interface Reference Voltage
(1.3 V) Supply Current
—
10
µA
ISUS_SMVREF
DDR System Memory Interface Reference Voltage
(1.3 V) Standby Supply Current
—
10
µA
ITTRC
(DDR)
DDR System Memory Interface Resistor
Compensation Voltage (2.6 V) Supply Current
—
42
mA
ISUS_TTRC
(DDR)
DDR System Memory Interface Resistor
Compensation Voltage (2.6 V) Standby Supply
Current
—
0
µA
IVCCA_SMPLL
(DDR)
System Memory PLL Analog (1.5 V) Supply
Current
—
60
mA
Table 13-4. DDR2 Power Characteristics
Symbol
Parameter
Min
Max
Unit
Notes
IVCCSM
(DDR2)
DDR2 System Memory Interface (1.8 V) Supply
Current
—
4.7
A
ISUS_VCCSM
(DDR2)
DDR2 System Memory Interface (1.8 V) Standby
Supply Current
—
25
mA
ISMVREF
(DDR2)
DDR2 System Memory Interface Reference
Voltage (0.90 V) Supply Current
—
10
µA
ISUS_SMVREF
(DDR2)
DDR2 System Memory Interface Reference
Voltage (0.90 V) Standby Supply Current
—
10
µA
ITTRC
(DDR2)
DDR2 System Memory Interface Resister
Compensation Voltage (1.8 V) Supply Current
—
32
mA
ISUS_TTRC
(DDR2)
DDR2 System Memory Interface Resister
Compensation Voltage (1.8 V) Standby Supply
Current
—
0
µA
IVCCA_SMPLL
(DDR2)
System Memory PLL Analog (1.5 V) Supply
Current
—
60
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com