Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

910GL Datasheet(PDF) 259 Page - Intel Corporation

Part # 910GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

910GL Datasheet(HTML) 259 Page - Intel Corporation

Back Button 910GL Datasheet HTML 255Page - Intel Corporation 910GL Datasheet HTML 256Page - Intel Corporation 910GL Datasheet HTML 257Page - Intel Corporation 910GL Datasheet HTML 258Page - Intel Corporation 910GL Datasheet HTML 259Page - Intel Corporation 910GL Datasheet HTML 260Page - Intel Corporation 910GL Datasheet HTML 261Page - Intel Corporation 910GL Datasheet HTML 262Page - Intel Corporation 910GL Datasheet HTML 263Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 426 page
background image
Electrical Characteristics
R
Datasheet
259
13.3
Signal Groups
The signal description includes the type of buffer used for the particular signal:
GTL+
Open Drain GTL+ interface signal. Refer to the GTL+ I/O Specification
for complete details. The (G)MCH integrates most GTL+ termination
resistors.
DDR
DDR System memory (2.6 V CMOS buffers)
DDR2
DDR2 System memory (1.8 V CMOS buffers)
PCI Express/SDVO
PCI Express interface signals. These signals are compatible with PCI
Express 1.0a signaling environment AC Specifications. The buffers are
not 3.3 V tolerant.
Analog
Analog signal interface
Ref
Voltage reference signal
HVCMOS
2.5 V Tolerant High Voltage CMOS buffers
SSTL-2
2.6 V Tolerant Stub Series Termination Logic
SSTL-1.8
1.8 V Tolerant Stub Series Termination Logic
Table 13-5. Signal Groups
Signal
Group
Signal Type
Signals
Notes
Host Interface Signal Groups
(a)
GTL+
Input/Outputs
HADS#, HBNR#, HBREQ0#, HDBSY#, HDRDY#,
HDINV[3:0]#, HA[31:3]#, HADSTB[1:0]#, HD[63:0],
HDSTBP[3:0]#, HDSTBN[3:0]#, HHIT#, HHITM#,
HREQ[4:0]#, HLOCK#
(b)
GTL+
Common Clock
Outputs
HBPRI#, HCPURST#, HDEFER#, HTRDY#, HRS[2:0]#,
HDPWR#, HEDRDY#
(c)
GTL+
Asynchronous
Input
BSEL[2:0], HPCREQ#
(d)
Analog Host I/F
Ref & Comp.
Signals
HVREF, HSWING HRCOMP, HSCOMP
PCI-Express Graphics and SDVO Interface Signal Groups
(e)
PCI
Express/SDVO
Input
PCI Express Interface (82915G/82915P/82915PL
(G)MCH only): EXP_RXN[15:0], EXP_RXP[15:0],
SDVO Interface (82915G/82915GV/82915GL/82910GL
GMCH only): SDVO_TVCLKIN#, SDVO_TVCLKIN,
SDVOB_INT#, SDVOB_INT, SDVO_STALL#,
SDVO_STALL, SDVOC_INT#, SDVOC_INT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com