Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

910GL Datasheet(PDF) 262 Page - Intel Corporation

Part # 910GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

910GL Datasheet(HTML) 262 Page - Intel Corporation

Back Button 910GL Datasheet HTML 258Page - Intel Corporation 910GL Datasheet HTML 259Page - Intel Corporation 910GL Datasheet HTML 260Page - Intel Corporation 910GL Datasheet HTML 261Page - Intel Corporation 910GL Datasheet HTML 262Page - Intel Corporation 910GL Datasheet HTML 263Page - Intel Corporation 910GL Datasheet HTML 264Page - Intel Corporation 910GL Datasheet HTML 265Page - Intel Corporation 910GL Datasheet HTML 266Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 426 page
background image
Electrical Characteristics
R
262
Datasheet
13.4
DC Characteristics
13.4.1
General DC Characteristics
Table 13-6. DC Characteristics
3
Symbol
Signal
Group
Parameter
Min
Nom
Max
Unit
Notes
I/O Buffer Supply Voltage (AC Noise not included)
VCCSM (DDR)
(s)
DDR I/O Supply Voltage
2.5
2.6
2.7
V
VCCSM (DDR2)
(t)
DDR2 I/O Supply Voltage
1.7
1.8
1.9
V
VCCA_SMPLL
(DDR)
(u)
DDR I/O PLL Analog Supply
Voltage
1.425
1.5
1.575
V
VCCA_SMPLL
(DDR2)
(v)
DDR2 I/O PLL Analog
Supply Voltage
1.425
1.5
1.575
V
VCC_EXP
(r)
SDVO, PCI-Express Supply
Voltage
1.425
1.5
1.575
V
VTT
(q)
System Bus Input Supply
Voltage
1.09
1.2
1.26
V
VCC
(w)
(G)MCH Core Supply
Voltage
1.425
1.5
1.575
V
VCC2
(x)
CMOS Supply Voltage
2.375
2.5
2.625
V
VCCA_DAC
(y)
CRT Display DAC Supply
Voltage
2.375
2.5
2.625
V
VCCA_HPLL,
VCCA_EXPPLL,
VCCA_DPLLA,
VCCA_DPLLB
(z)
Various PLL’S Analog
Supply Voltages
1.425
1.5
1.575
V
Reference Voltages
HVREF
(d)
Host Address, Data, and
Common Clock Signal
Reference Voltage
2/3 x VTT1– 2%
2/3 x VTT
2/3 x VTT + 2%
V
HSWING
(d)
Host Compensation
Reference Voltage
1/4 x VTT – 2%
1/4 x VTT
1/4 x VTT +
2%
V
SMVREF (DDR)
(j)
DDR Reference Voltage
0.50 x
VCCSM(DDR)
– 0.05
0.50 x
VCCSM
(DDR)
0.50 x
VCCSM(DDR)
+ 0.05
V
SMVREF
(DDR2)
(m)
DDR2 Reference Voltage
0.49 x VCCSM
(DDR2)
0.50 x
VCCSM
(DDR2)
0.51 x VCCSM
(DDR2)
V
Host Interface
VIL_H
(a, c) Host GTL+ Input Low
Voltage
-0.10
0
(2/3 x VTT) –
0.1
V
VIH_H
(a, c) Host GTL+ Input High
Voltage
(2/3 x VTT) +
0.1
VTT
VTT + 0.1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com