Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

910GL Datasheet(PDF) 264 Page - Intel Corporation

Part # 910GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

910GL Datasheet(HTML) 264 Page - Intel Corporation

Back Button 910GL Datasheet HTML 260Page - Intel Corporation 910GL Datasheet HTML 261Page - Intel Corporation 910GL Datasheet HTML 262Page - Intel Corporation 910GL Datasheet HTML 263Page - Intel Corporation 910GL Datasheet HTML 264Page - Intel Corporation 910GL Datasheet HTML 265Page - Intel Corporation 910GL Datasheet HTML 266Page - Intel Corporation 910GL Datasheet HTML 267Page - Intel Corporation 910GL Datasheet HTML 268Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 426 page
background image
Electrical Characteristics
R
264
Datasheet
Symbol
Signal
Group
Parameter
Min
Nom
Max
Unit
Notes
1.5 V PCI Express Interface 1.0a (includes PCI Express and SDVO)
VTX-DIFF P-P
(f)
Differential Peak to Peak
Output Voltage
0.400
—
0.600
V
2
VTX_CM-ACp
(f)
AC Peak Common Mode
Output Voltage
—
—
20
mV
ZTX-DIFF-DC
(f)
DC Differential TX
Impedance
80
100
120
Ohms
VRX-DIFF p-p
(e)
Differential Peak to Peak
Input Voltage
0.175
—
0.600
V
3
VRX_CM-ACp
(e)
AC peak Common Mode
Input Voltage
—
—
150
mV
Clocks, Reset, and Miscellaneous Signals
VIL
(n)
Input Low Voltage
—
—
0.8
V
VIH
(n)
Input High Voltage
2.0
—
—
V
ILEAK
(n)
Input Leakage Current
—
—
±10
µA
CIN
(n)
Input Capacitance
3.0
—
6.0
pF
VIL
(o)
Input Low Voltage
—
0
—
V
VIH
(o)
Input High Voltage
0.660
0.710
0.850
V
VCROSS
(o)
Crossing Voltage
0.45 x (VIH –
VIL)
0.5 x
(VIH – VIL)
0.55 x (VIH –
VIL)
V
VOL
(p)
Output Low Voltage (CMOS
Outputs)
—
—
0.4
V
VOH
(p)
Output High Voltage (CMOS
Outputs)
2.1
—
—
V
IOL
(p)
Output Low Current (CMOS
Outputs)
—
—
1
mA
@VOL_HI max
IOH
(p)
Output High Current (CMOS
Outputs)
-1
—
—
mA
@VOH_HI min
VIL
(p)
Input Low Voltage
—
—
1.1
V
VIH
(p)
Input High Voltage
1.4
—
—
V
ILEAK
(p)
Crossing Voltage
—
—
±10
µA
CIN
(p)
Input Capacitance
3.0
—
6.0
pF
VIL
(n1)
Input Low Voltage
—
—
0.8
V
VIH
(n1)
Input High Voltage
2.0
—
—
V
ILEAK
(n1)
Crossing Voltage
—
—
±100
µA
0<Vin<VCC3_3
CIN
(n1)
Input Capacitance
4.690
—
5.370
pF
NOTES:
1. Determined with 2x (G)MCH DDR/DDR2 Buffer Strength Settings into a 50
Ω to 0.5xVCCSM
(DDR/DDR2) test load.
2. Specified at the measurement point into a timing and voltage compliance test load as shown in
Transmitter compliance eye diagram of PCI-E specification and measured over any 250 consecutive TX
Uls.
3. Specified at the measurement point and measured over any 250 consecutive Uls. The test load shown
in Receiver compliance eye diagram of PCI-E specification should be used as the RX device when
taking measurements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com