Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

910GL Datasheet(PDF) 265 Page - Intel Corporation

Part # 910GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

910GL Datasheet(HTML) 265 Page - Intel Corporation

Back Button 910GL Datasheet HTML 261Page - Intel Corporation 910GL Datasheet HTML 262Page - Intel Corporation 910GL Datasheet HTML 263Page - Intel Corporation 910GL Datasheet HTML 264Page - Intel Corporation 910GL Datasheet HTML 265Page - Intel Corporation 910GL Datasheet HTML 266Page - Intel Corporation 910GL Datasheet HTML 267Page - Intel Corporation 910GL Datasheet HTML 268Page - Intel Corporation 910GL Datasheet HTML 269Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 426 page
background image
Electrical Characteristics
R
Datasheet
265
13.4.2
RGB/CRT DAC Display DC Characteristics (Intel
®
82915G/82915GV/82915GL/82910GL GMCH Only)
Table 13-7. RGB/CRT DAC Display DC Characteristics (Functional Operating Range:
VCCA_DAC = 2.5 V
±5%)
Parameter
Min
Typical
Max
Units
Notes
DAC Resolution
—
8
—
Bits
1
Max Luminance (full-scale)
0.665
0.700
0.770
V
1, 2, 4; white video level voltage
Min Luminance
—
0.000
—
V
1, 3, 4; black video level voltage
LSB Current
—
73.2
—
µA
4, 5
Integral Linearity (INL)
-1.0
—
+1.0
LSB
1, 6
Differential Linearity (DNL)
-1.0
—
+1.0
LSB
1, 6
Video channel-channel
voltage amplitude mismatch
—
—
6
%
7
Monotonicity
Guaranteed
—
NOTES:
1. Measured at each R, G, B termination according to the VESA Test Procedure – Evaluation of Analog
Display Graphics Subsystems Proposal (Version 1, Draft 4, December 1, 2000).
2. Max steady-state amplitude
3. Min steady-state amplitude
4. Defined for a double 75-Ohm termination.
5. Set by external reference resistor value.
6. INL and DNL measured and calculated according to VESA Video Signal Standards.
7. Max full-scale voltage difference among R, G, B outputs (percentage of steady-state full-scale voltage).
§



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com