Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

430 Datasheet(PDF) 68 Page - Intel Corporation

Part # 430
Description  Celeron M Processor on 65 nm Process
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

430 Datasheet(HTML) 68 Page - Intel Corporation

Back Button 430 Datasheet HTML 63Page - Intel Corporation 430 Datasheet HTML 64Page - Intel Corporation 430 Datasheet HTML 65Page - Intel Corporation 430 Datasheet HTML 66Page - Intel Corporation 430 Datasheet HTML 67Page - Intel Corporation 430 Datasheet HTML 68Page - Intel Corporation 430 Datasheet HTML 69Page - Intel Corporation 430 Datasheet HTML 70Page - Intel Corporation 430 Datasheet HTML 71Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 68 / 71 page
background image
Thermal Specifications and Design Considerations
68
Datasheet
5.1.2
Thermal Diode Offset
In order to improve the accuracy of diode based temperature measurements, a
temperature offset value (specified as Toffset) will be programmed into a Intel Core
Duo and Intel Core Solo processors’ MSR, which will contain thermal diode
characterization data. During manufacturing each processors thermal diode will be
evaluated for its behavior relative to a theoretical diode. Using the equation above, the
temperature error created by the difference between ntrim and the actual ideality of the
particular processor will be calculated.
If the ntrim value used to calculate Toffset differs from the ntrim value used in a
temperature sensing device, the Terror(nf) may not be accurate. If desired, the Toffset
can be adjusted by calculating nactual and then recalculating the offset using the actual
ntrim as defined in the temperature sensor manufacturers' datasheet.
The ntrim used to calculate the Diode Correction Toffset are listed in Table 21.
Contact your Intel representative for more details on the temperature offset MSR
definition and recommended offset implementation.
5.1.3
Intel® Thermal Monitor
The Intel Thermal Monitor helps control the processor temperature by activating the
TCC (Thermal Control Circuit) when the processor silicon reaches its maximum
operating temperature. The temperature at which the Intel Thermal Monitor activates
the TCC is not user configurable. Bus traffic is snooped in the normal manner, and
interrupt requests are latched (and serviced during the time that the clocks are on)
while the TCC is active.
With a properly designed and characterized thermal solution, it is anticipated that the
TCC would only be activated for very short periods of time when running the most
power intensive applications. The processor performance impact due to these brief
periods of TCC activation is expected to be minor and hence not detectable. An under-
designed thermal solution that is not able to prevent excessive activation of the TCC in
the anticipated ambient environment may cause a noticeable performance loss, and
may affect the long-term reliability of the processor. In addition, a thermal solution that
is significantly under designed may not be capable of cooling the processor even when
the TCC is active continuously.
The Intel Thermal Monitor controls the processor temperature by modulating (starting
and stopping) the processor core clocks when the processor silicon reaches its
maximum operating temperature. The Intel Thermal Monitor uses this mode to activate
the TCC: Automatic mode and on-demand mode. If both modes are activated,
Automatic mode takes precedence.
Note:
The Intel Thermal Monitor automatic mode must be enabled through BIOS for the
processor to be operating within specifications.
This automatic mode is called Intel Thermal Monitor 1 (TM1). This mode is selected by
writing values to the Model Specific Registers (MSRs) of the processor. After Automatic
mode is enabled, the TCC will activate only when the internal die temperature reaches
the maximum allowed value for operation.
Table 21.
Thermal Diode ntrim and Diode Correction Toffset
Symbol
Parameter
Unit
ntrim
Diode ideality used to calculate Toffset
1.01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com