Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

430 Datasheet(PDF) 71 Page - Intel Corporation

Part # 430
Description  Celeron M Processor on 65 nm Process
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

430 Datasheet(HTML) 71 Page - Intel Corporation

Back Button 430 Datasheet HTML 63Page - Intel Corporation 430 Datasheet HTML 64Page - Intel Corporation 430 Datasheet HTML 65Page - Intel Corporation 430 Datasheet HTML 66Page - Intel Corporation 430 Datasheet HTML 67Page - Intel Corporation 430 Datasheet HTML 68Page - Intel Corporation 430 Datasheet HTML 69Page - Intel Corporation 430 Datasheet HTML 70Page - Intel Corporation 430 Datasheet HTML 71Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 71 / 71 page
background image
Datasheet
71
Thermal Specifications and Design Considerations
reached its maximum operating temperature or be driven from an external source to
activate the TCC. The ability to activate the TCC via PROCHOT# can provide a means
for thermal protection of system components.
When PROCHOT# is driven by an external agent, TM1 is enabled and the processor
core will have their core clocks modulated.
One application is the thermal protection of voltage regulators (VR). System designers
can create a circuit to monitor the VR temperature and activate the TCC when the
temperature limit of the VR is reached. By asserting PROCHOT# (pulled-low) and
activating the TCC, the VR can cool down as a result of reduced processor power
consumption. Bi-directional PROCHOT# can allow VR thermal designs to target
maximum sustained current instead of maximum current. Systems should still provide
proper cooling for the VR, and rely on bi-directional PROCHOT# only as a backup in
case of system cooling failure. The system thermal design should allow the power
delivery circuitry to operate within its temperature specification even while the
processor is operating at its TDP. With a properly designed and characterized thermal
solution, it is anticipated that bi-directional PROCHOT# would only be asserted for very
short periods of time when running the most power intensive applications. An under-
designed thermal solution that is not able to prevent excessive assertion of PROCHOT#
in the anticipated ambient environment may cause a noticeable performance loss.
Contact your Intel representative for details on implementing the bi-directional
PROCHOT# feature.
§



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com