Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

430 Datasheet(PDF) 29 Page - Intel Corporation

Part # 430
Description  Celeron M Processor on 65 nm Process
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

430 Datasheet(HTML) 29 Page - Intel Corporation

Back Button 430 Datasheet HTML 25Page - Intel Corporation 430 Datasheet HTML 26Page - Intel Corporation 430 Datasheet HTML 27Page - Intel Corporation 430 Datasheet HTML 28Page - Intel Corporation 430 Datasheet HTML 29Page - Intel Corporation 430 Datasheet HTML 30Page - Intel Corporation 430 Datasheet HTML 31Page - Intel Corporation 430 Datasheet HTML 32Page - Intel Corporation 430 Datasheet HTML 33Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 71 page
background image
Datasheet
29
Electrical Specifications
NOTES:
1.
Unless otherwise noted, all specifications in this table apply to all processor frequencies.
2.
Crossing Voltage is defined as absolute voltage where rising edge of BCLK0 is equal to the falling edge of
BCLK1.
3.
Threshold Region is defined as a region entered about the crossing voltage in which the differential receiver
switches. It includes input threshold hysteresis.
4.
For Vin between 0 V and VIH.
5.
Cpad includes die capacitance only. No package parasitics are included.
6.
ΔV
CROSS is defined as the total variation of all crossing voltages as defined in note 2.
NOTES:
1.
Unless otherwise noted, all specifications in this table apply to all processor frequencies.
2.
VIL is defined as the maximum voltage level at a receiving agent that will be interpreted as a logical low
value.
3.
VIH is defined as the minimum voltage level at a receiving agent that will be interpreted as a logical high
value.
4.
VIH and VOH may experience excursions above VCCP. However, input signal drivers must comply with the
signal quality specifications.
5.
This is the pull down driver resistance. Refer to processor I/O Buffer Models for I/V characteristics.
Measured at 0.31*VCCP. RON (min) = 0.38*RTT, RON (typ) = 0.45*RTT, RON (max) = 0.52*R
TT
.
6.
GTLREF should be generated from VCCP with a 1% tolerance resistor divider. Tolerance of resistor divider
decides the tolerance of GTLREF. The VCCP referred to in these specifications is the instantaneous VCCP.
7.
RTT is the on-die termination resistance measured at VOL of the AGTL+ output driver. Measured at
0.31*VCCP. RTT is connected to VCCP on die. Refer to processor I/O buffer models for I/V characteristics.
8.
Specified with on die RTT and RON are turned off.
9.
Cpad includes die capacitance only. No package parasitics are included.
10.
This spec applies to all AGTL+ signals except for PREQ#. RTT for PREQ# is between 1.5 kΩ to 6.0 kΩ.
Table 8.
FSB Differential BCLK Specifications
Symbol
Parameter
Min
Typ
Max
Unit
Notes1
VIL
Input Low Voltage
0
V
VIH
Input High Voltage
0.660
0.710
0.85
V
V
CROSS
Crossing Voltage
0.25
0.35
0.55
V
2
ΔV
CROSS
Range of Crossing Points
0.14
V
6
VTH
Threshold Region
VCROSS -0.100
VCROSS+0.100
V
3
ILI
Input Leakage Current
±100
µA
4
Cpad
Pad Capacitance
0.95
1.2
1.45
pF
5
Table 9.
AGTL+ Signal Group DC Specifications
Symbol
Parameter
Min
Typ
Max
Unit
Notes1
VCCP
I/O Voltage
0.997
1.05
1.102
V
GTLREF
Reference Voltage
2/3 VCCP
V6
VIH
Input High Voltage
GTLREF+0.1
VCCP+0.1
V
3,6
VIL
Input Low Voltage
-0.1
0
GTLREF-0.1
V
2,4
VOH
Output High Voltage
VCCP
6
RTT
Termination Resistance
50
55
61
Ω
7,10
RON
Buffer on Resistance
22.3
25.5
28.7
Ω
5
ILI
Input Leakage Current
±100
µA
8
Cpad1
Pad Capacitance
1.8
2.3
2.75
pF
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com