Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

430 Datasheet(PDF) 42 Page - Intel Corporation

Part # 430
Description  Celeron M Processor on 65 nm Process
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

430 Datasheet(HTML) 42 Page - Intel Corporation

Back Button 430 Datasheet HTML 38Page - Intel Corporation 430 Datasheet HTML 39Page - Intel Corporation 430 Datasheet HTML 40Page - Intel Corporation 430 Datasheet HTML 41Page - Intel Corporation 430 Datasheet HTML 42Page - Intel Corporation 430 Datasheet HTML 43Page - Intel Corporation 430 Datasheet HTML 44Page - Intel Corporation 430 Datasheet HTML 45Page - Intel Corporation 430 Datasheet HTML 46Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 71 page
background image
Package Mechanical Specifications and Pin Information
42
Datasheet
IERR#
D20
Open Drain
Output
IGNNE#
C4
CMOS
Input
INIT#
B3
CMOS
Input
LINT0
C6
CMOS
Input
LINT1
B4
CMOS
Input
LOCK#
H4
Common
Clock
Input/
Output
PRDY#
AC2
Common
Clock
Output
PREQ#
AC1
Common
Clock
Input
PROCHOT#
D21
Open Drain
Input/
Output
PSI#
AE6
CMOS
Output
PWRGOOD
D6
CMOS
Input
REQ[0]#
K3
Source Synch
Input/
Output
REQ[1]#
H2
Source Synch
Input/
Output
REQ[2]#
K2
Source Synch
Input/
Output
REQ[3]#
J3
Source Synch
Input/
Output
REQ[4]#
L5
Source Synch
Input/
Output
RESET#
B1
Common
Clock
Input
RS[0]#
F3
Common
Clock
Input
RS[1]#
F4
Common
Clock
Input
RS[2]#
G3
Common
Clock
Input
RSVD
D2
Reserved
RSVD
F6
Reserved
RSVD
D3
Reserved
RSVD
C1
Reserved
RSVD
AF1
Reserved
RSVD
D22
Reserved
RSVD
C23
Reserved
RSVD
C24
Reserved
Table 13.
Pin Listing by Pin Name
Pin Name
Pin
Number
Signal
Buffer Type
Direction
RSVD
AA1
Reserved
RSVD
AA4
Reserved
RSVD
AB2
Reserved
RSVD
AA3
Reserved
RSVD
M4
Reserved
RSVD
N5
Reserved
RSVD
T2
Reserved
RSVD
V3
Reserved
RSVD
B2
Reserved
RSVD
C3
Reserved
RSVD
T22
Reserved
RSVD
B25
Reserved
SLP#
D7
CMOS
Input
SMI#
A3
CMOS
Input
STPCLK#
D5
CMOS
Input
TCK
AC5
CMOS
Input
TDI
AA6
CMOS
Input
TDO
AB3
Open Drain
Output
TEST1
C26
Test
TEST2
D25
Test
THERMDA
A24
Power/Other
THERMDC
A25
Power/Other
THERMTRIP
#
C7
Open Drain
Output
TMS
AB5
CMOS
Input
TRDY#
G2
Common
Clock
Input
TRST#
AB6
CMOS
Input
VCC
AB20
Power/Other
VCC
AA20
Power/Other
VCC
AF20
Power/Other
VCC
AE20
Power/Other
VCC
AB18
Power/Other
VCC
AB17
Power/Other
VCC
AA18
Power/Other
VCC
AA17
Power/Other
VCC
AD18
Power/Other
VCC
AD17
Power/Other
Table 13.
Pin Listing by Pin Name
Pin Name
Pin
Number
Signal
Buffer Type
Direction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com