Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

430 Datasheet(PDF) 7 Page - Intel Corporation

Part # 430
Description  Celeron M Processor on 65 nm Process
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

430 Datasheet(HTML) 7 Page - Intel Corporation

Back Button 430 Datasheet HTML 3Page - Intel Corporation 430 Datasheet HTML 4Page - Intel Corporation 430 Datasheet HTML 5Page - Intel Corporation 430 Datasheet HTML 6Page - Intel Corporation 430 Datasheet HTML 7Page - Intel Corporation 430 Datasheet HTML 8Page - Intel Corporation 430 Datasheet HTML 9Page - Intel Corporation 430 Datasheet HTML 10Page - Intel Corporation 430 Datasheet HTML 11Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 71 page
background image
Datasheet
7
Introduction
1
Introduction
The Intel® Celeron® M processor based on 65 nm process technology is a high-
performance, low-power mobile processor with several enhancements over previous
mobile Celeron processors.
Throughout this document, the term “Celeron M processor” refers to the Intel®
Celeron® M processor based on 65 nm process technology.
This document contains specifications for both the Intel® Celeron® M processor 450,
440, 430, 420, 410 and Intel® Celeron® M processor Ultra Low Voltage 443 and 423Δ.
Note:
ΔIntel processor numbers are not a measure of performance. Processor numbers
differentiate features within each processor family, not across different processor
families. See http://www.intel.com/products/processor_number for details.
The following list provides some of the key features on this processor:
• On-die, 1-MB second level cache with Advanced Transfer Cache Architecture
• Supports Intel Architecture with Dynamic Execution
• On-die, primary 32-kB instruction cache and 32-kB write-back data cache
• Data Prefetch Logic
• Streaming SIMD Extensions 2 (SSE2) and Streaming SIMD Extensions 3 (SSE3)
• The Celeron M processor and the Celeron M processor Ultra Low Voltage are offered
at 533-MHz FSB
• Digital Thermal Sensor
• The Celeron M is a single core processor offered in both Micro-FCPGA and Micro-
FCBGA packages
• The Celeron M processor Ultra Low Voltage is a single core processor offered only in
a Micro-FCBGA package
• Execute Disable Bit support for enhanced security
The Celeron M processor will be manufactured on Intel’s 65 nanometer process
technology with copper interconnect. The processor maintains support for MMX™
technology, Streaming SIMD instructions, and full compatibility with IA-32 software.
The Celeron M processor features on-die, 32-kB level 1 instruction and data caches and
a 1-MB level 2 cache with Advanced Transfer Cache Architecture. The processor’s Data
Prefetch Logic speculatively fetches data to the L2 cache before the L1 cache requests
occurs, resulting in reduced bus cycle penalties. The Celeron M processor includes the
Data Cache Unit Streamer which enhances the performance of the L2 prefetcher by
requesting L1 warm-ups earlier. In addition, the Writer Order Buffer depth is enhanced
to help with the write-back latency performance.
In addition to supporting the existing Streaming SIMD Extensions 2 (SSE2), there are
13 new instructions which further extend the capabilities of Intel processor technology.
These new instructions are called Streaming SIMD Extensions 3 (SSE3). 3D graphics
and other entertainment applications such as gaming will have the opportunity to take
advantage of these new instructions as platforms with the Celeron M processor based
on 65 nm process and SSE3 become available in the market place.
The Celeron M processor’s front side bus (FSB) utilizes a split-transaction, deferred
reply protocol. The FSB uses Source-Synchronous Transfer (SST) of address and data
to improve performance by transferring data four times per bus clock. The 4X data bus
can deliver data four times per bus clock and is referred as “quad-pumped” or 4X data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com