Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

430 Datasheet(PDF) 30 Page - Intel Corporation

Part # 430
Description  Celeron M Processor on 65 nm Process
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

430 Datasheet(HTML) 30 Page - Intel Corporation

Back Button 430 Datasheet HTML 26Page - Intel Corporation 430 Datasheet HTML 27Page - Intel Corporation 430 Datasheet HTML 28Page - Intel Corporation 430 Datasheet HTML 29Page - Intel Corporation 430 Datasheet HTML 30Page - Intel Corporation 430 Datasheet HTML 31Page - Intel Corporation 430 Datasheet HTML 32Page - Intel Corporation 430 Datasheet HTML 33Page - Intel Corporation 430 Datasheet HTML 34Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 71 page
background image
Electrical Specifications
30
Datasheet
.
NOTES:
1.
Unless otherwise noted, all specifications in this table apply to all processor frequencies.
2.
The VCCP referred to in these specifications refers to instantaneous VCCP.
3.
Refer to the processor I/O Buffer Models for I/V characteristics.
4.
Measured at 0.1*VCCP.
5.
Measured at 0.9*VCCP.
6.
For Vin between 0 V and VCCP. Measured when the driver is tristated.
7.
Cpad1 includes die capacitance only for DPSLP#,PWRGOOD. No package parasitics are included.
8.
Cpad2 includes die capacitance for all other CMOS input signals. No package parasitics are included.
NOTES:
1.
Unless otherwise noted, all specifications in this table apply to all processor frequencies.
2.
Measured at 0.2*VCCP.
3.
VOH is determined by value of the external pull-up resistor to VCCP. Please contact your Intel representative
for details.
4.
For Vin between 0 V and VOH.
5.
Cpad includes die capacitance only. No package parasitics are included.
§
Table 10.
CMOS Signal Group DC Specifications
Symbol
Parameter
Min
Typ
Max
Unit
Notes1
VCCP
I/O Voltage
1.0
1.05
1.10
V
VIL
Input Low Voltage - CMOS
-0.1
0.0
0.33
V
2, 3
VIH
Input High Voltage
0.7
1.05
1.20
V
2
VOL
Output Low Voltage
-0.1
0
0.11
V
2
VOH
Output High Voltage
0.9
VCCP
1.20
V
2
IOL
Output Low Current
1.3
4.1
mA
4
IOH
Output High Current
1.3
4.1
mA
5
ILI
Input Leakage Current
±100
µA
6
Cpad1
Pad Capacitance
1.8
2.3
2.75
pF
7
Cpad2
Pad Capacitance for CMOS Input
0.95
1.2
1.45
pF
8
Table 11.
Open Drain Signal Group DC Specifications
Symbol
Parameter
Min
Typ
Max
Unit
Notes1
VOH
Output High Voltage
1.0
1.05
1.10
V
3
VOL
Output Low Voltage
0
0.20
V
IOL
Output Low Current
11.40
50
mA
2
ILeak
Output Leakage Current
±200
µA
4
Cpad
Pad Capacitance
1.8
2.3
2.75
pF
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com