Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

430 Datasheet(PDF) 60 Page - Intel Corporation

Part # 430
Description  Celeron M Processor on 65 nm Process
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

430 Datasheet(HTML) 60 Page - Intel Corporation

Back Button 430 Datasheet HTML 56Page - Intel Corporation 430 Datasheet HTML 57Page - Intel Corporation 430 Datasheet HTML 58Page - Intel Corporation 430 Datasheet HTML 59Page - Intel Corporation 430 Datasheet HTML 60Page - Intel Corporation 430 Datasheet HTML 61Page - Intel Corporation 430 Datasheet HTML 62Page - Intel Corporation 430 Datasheet HTML 63Page - Intel Corporation 430 Datasheet HTML 64Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 71 page
background image
Package Mechanical Specifications and Pin Information
60
Datasheet
PROCHOT#
Input/
Output
As an output, PROCHOT# (Processor Hot) will go active when the
processor temperature monitoring sensor detects that the processor
has reached its maximum safe operating temperature. This indicates
that the processor Thermal Control Circuit (TCC) has been activated,
if enabled. As an input, assertion of PROCHOT# by the system will
activate the TCC, if enabled. The TCC will remain active until the
system deasserts PROCHOT#.
By default PROCHOT# is configured as an output only. Bidirectional
PROCHOT# must be enabled via the BIOS.
For termination requirements, please contact your Intel
representative.
This signal may require voltage translation on the motherboard.
Please contact your Intel representative for more detailed
information.
PSI#
Output
Processor Power Status Indicator signal. This signal is asserted when
the processor is in a lower state (Deep Sleep).
Please contact your Intel representative for more details on the
PSI# signal.
PWRGOOD
Input
PWRGOOD (Power Good) is a processor input. The processor
requires this signal to be a clean indication that the clocks and
power supplies are stable and within their specifications. “Clean”
implies that the signal will remain low (capable of sinking leakage
current), without glitches, from the time that the power supplies are
turned on until they come within specification. The signal must then
transition monotonically to a high state.
The PWRGOOD signal must be supplied to the processor; it is used
to protect internal circuits against voltage sequencing issues. It
should be driven high throughout boundary scan operation.
For termination requirements, please contact your Intel
representative.
REQ[4:0]#
Input/
Output
REQ[4:0]# (Request Command) must connect the appropriate pins
of both FSB agents. They are asserted by the current bus owner to
define the currently active transaction type. These signals are
source synchronous to ADSTB[0]#.
RESET#
Input
Asserting the RESET# signal resets the processor to a known state
and invalidates its internal caches without writing back any of their
contents. For a power-on Reset, RESET# must stay active for at
least two milliseconds after VCC and BCLK have reached their proper
specifications. On observing active RESET#, both FSB agents will
deassert their outputs within two clocks. All processor straps must
be valid within the specified setup time before RESET# is
deasserted.
There is a 55-Ω (nominal) on die pull-up resistor on this signal.
RS[2:0]#
Input
RS[2:0]# (Response Status) are driven by the response agent (the
agent responsible for completion of the current transaction), and
must connect the appropriate pins of both FSB agents.
RSVD
Reserved
/No
Connect
These pins are RESERVED and must be left unconnected on the
board. However, it is recommended that routing channels to these
pins on the board be kept open for possible future use.
Please contact your Intel representative for more detailed
information.
Table 15.
Signal Description (Sheet 6 of 8)
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com