Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

430 Datasheet(PDF) 63 Page - Intel Corporation

Part # 430
Description  Celeron M Processor on 65 nm Process
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

430 Datasheet(HTML) 63 Page - Intel Corporation

Back Button 430 Datasheet HTML 59Page - Intel Corporation 430 Datasheet HTML 60Page - Intel Corporation 430 Datasheet HTML 61Page - Intel Corporation 430 Datasheet HTML 62Page - Intel Corporation 430 Datasheet HTML 63Page - Intel Corporation 430 Datasheet HTML 64Page - Intel Corporation 430 Datasheet HTML 65Page - Intel Corporation 430 Datasheet HTML 66Page - Intel Corporation 430 Datasheet HTML 67Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 71 page
background image
Datasheet
63
Thermal Specifications and Design Considerations
5
Thermal Specifications and
Design Considerations
The Celeron M processor requires a thermal solution to maintain temperatures within
operating limits as set forth in Section 5.1. Any attempt to operate that processor
outside these operating limits may result in permanent damage to the processor and
potentially other components in the system. As processor technology changes, thermal
management becomes increasingly crucial when building computer systems.
Maintaining the proper thermal environment is key to reliable, long-term system
operation. A complete thermal solution includes both component and system level
thermal management features. Component level thermal solutions include active or
passive heatsinks or heat exchangers attached to the processor exposed die. The
solution should make firm contact to the die while maintaining processor mechanical
specifications such as pressure. A typical system level thermal solution may consist of a
processor fan ducted to a heat exchanger that is thermally coupled to the processor via
a heat pipe or direct die attachment. A secondary fan or air from the processor fan may
also be used to cool other platform components or to lower the internal ambient
temperature within the system.
To allow for the optimal operation and long-term reliability of Intel processor-based
systems, the system/processor thermal solution should be designed such that the
processor remains within the minimum and maximum junction temperature (Tj)
specifications at the corresponding thermal design power (TDP) value listed in Table 16
and Table 17. Thermal solutions not designed to provide this level of thermal capability
may affect the long-term reliability of the processor and system.
Contact your Intel representative for more details on processor and system level
cooling approaches.
The maximum junction temperature is defined by an activation of the processor Intel®
Thermal Monitor. Refer to Section 5.1.3 for more details. Analysis indicates that real
applications are unlikely to cause the processor to consume the theoretical maximum
power dissipation for sustained time periods. Intel recommends that complete thermal
solution designs target the TDP indicated in Table 16 and Table 17. The Intel Thermal
Monitor feature is designed to help protect the processor in the unlikely event that an
application exceeds the TDP recommendation for a sustained period of time. For more
details on the usage of this feature, refer to Section 5.1.3. In all cases the Intel
Thermal Monitor feature must be enabled for the processor to remain within
specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com