Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

430 Datasheet(PDF) 65 Page - Intel Corporation

Part # 430
Description  Celeron M Processor on 65 nm Process
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

430 Datasheet(HTML) 65 Page - Intel Corporation

Back Button 430 Datasheet HTML 61Page - Intel Corporation 430 Datasheet HTML 62Page - Intel Corporation 430 Datasheet HTML 63Page - Intel Corporation 430 Datasheet HTML 64Page - Intel Corporation 430 Datasheet HTML 65Page - Intel Corporation 430 Datasheet HTML 66Page - Intel Corporation 430 Datasheet HTML 67Page - Intel Corporation 430 Datasheet HTML 68Page - Intel Corporation 430 Datasheet HTML 69Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 71 page
background image
Datasheet
65
Thermal Specifications and Design Considerations
NOTES:
1.
The TDP specification should be used to design the processor thermal solution. The TDP is
not the maximum theoretical power the processor can generate.
2.
Not 100% tested. These power specifications are determined by characterization of the
processor currents at higher temperatures and extrapolating the values for the
temperature indicated.
3.
As measured by the activation of the on-die Intel Thermal Monitor. The Intel Thermal
Monitor’s automatic mode is used to indicate that the maximum TJ has been reached.
Refer to Section 5.1 for more details.
4.
The Intel Thermal Monitor automatic mode must be enabled for the processor to operate
within specifications.
5.1
Thermal Specifications
The Celeron M processor incorporates three methods of monitoring die temperature,
the Digital thermal sensor, Intel Thermal Monitor and the thermal diode. The Intel
Thermal Monitor (detailed in Section 5.1.3) must be used to determine when the
maximum specified processor junction temperature has been reached.
5.1.1
Thermal Diode
The processor incorporates an on-die PNP transistor whose base emitter junction is
used as a thermal diode, with its collector shorted to Ground. The thermal diode, can
be read by an off-die analog/digital converter (a thermal sensor) located on the
motherboard, or a stand-alone measurement kit. The thermal diode may be used to
monitor the die temperature of the processor for thermal management or
instrumentation purposes but is not a reliable indication that the maximum operating
temperature of the processor has been reached. When using the thermal diode, a
temperature offset value must be read from a processor model specific register (MSR)
and applied. See Section 5.1.2 for more details. Please see Section 5.1.3 for thermal
diode usage recommendation when the PROCHOT# signal is not asserted.
Note:
The reading of the external thermal sensor (on the motherboard) connected to the
processor thermal diode signals, will not necessarily reflect the temperature of the
hottest location on the die. This is due to inaccuracies in the external thermal sensor,
Table 17.
Power Specifications for the Celeron M Processor Ultra Low Voltage
Symbol
Processor
Number
Core Frequency
& Voltage
Thermal Design
Power
Unit
Notes
TDP
443
423
1.20 GHz & HFM VCC
1.06 GHz & HFM VCC
5.5
W
1, 4
Symbol
Parameter
Min
Typ
Max
Unit
PAH,
PSGNT
Auto Halt, Stop Grant Power
3.0
W
At
50°C
2
PSLP
Sleep Power at VCC
2.9
W
At
50°C
2
PDSLP
Deep Sleep Power at VCC
1.5
W
At
35°C
2
TJ
Junction Temperature
0
100
°C3, 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com