Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

430 Datasheet(PDF) 26 Page - Intel Corporation

Part # 430
Description  Celeron M Processor on 65 nm Process
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

430 Datasheet(HTML) 26 Page - Intel Corporation

Back Button 430 Datasheet HTML 22Page - Intel Corporation 430 Datasheet HTML 23Page - Intel Corporation 430 Datasheet HTML 24Page - Intel Corporation 430 Datasheet HTML 25Page - Intel Corporation 430 Datasheet HTML 26Page - Intel Corporation 430 Datasheet HTML 27Page - Intel Corporation 430 Datasheet HTML 28Page - Intel Corporation 430 Datasheet HTML 29Page - Intel Corporation 430 Datasheet HTML 30Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 71 page
background image
Electrical Specifications
26
Datasheet
power up in order to set the VID values. Unless specified otherwise, all specifications
for the Celeron M processor are at Tjunction = 100°C. Care should be taken to read all
notes associated with each parameter.
NOTES:
1.
Each processor is programmed with a maximum valid voltage identification value (VID), which is set at
manufacturing and can not be altered. Individual maximum VID values are calibrated during
manufacturing such that two processors at the same frequency may have different settings within the VID
range.
2.
The voltage specifications are assumed to be measured across VCCSENSE and VSSSENSE pins at socket with a
100-MHz bandwidth oscilloscope, 1.5 pF maximum probe capacitance, and 1-MΩ minimum impedance. The
maximum length of ground wire on the probe should be less than 5 mm. Ensure external noise from the
system is not coupled in the scope probe.
3.
Specified at 100°C Tj.
4.
Specified at the VID voltage.
5.
The I
CCDES(max) specification of 36 A comprehends only Celeron M processor on 65 nm process.
6.
Based on simulations and averaged over the duration of any change in current. Specified by design/
characterization at nominal VCC. Not 100% tested.
7.
Measured at the bulk capacitors on the motherboard.
8.
VCC, BOOT tolerance is shown in Figure 3.
9.
This is a steady-state ICCP current specification, which is applicable when both VCCP and VCC_CORE are high.
10.
This is a power-up peak current specification, which is applicable when VCCP is high and VCC_CORE is low.
11.
Specified at the nominal VCC.
Table 6.
Voltage and Current Specifications for the Celeron M Processor Standard
Voltage
Symbol
Parameter
Min
Typ
Max
Unit
Notes
VCC
VCC of Core
1.0
1.3
V
1, 2
VCC,BOOT
Default VCC Voltage for Initial Power Up
1.20
V
2, 8
VCCP
AGTL+ Termination Voltage
0.997
1.05
1.102
V
2
VCCA
PLL Supply Voltage
1.425
1.5
1.575
V
I
CCDES
ICC for Processors
Recommended Design Target
36
A
5
ICC
ICC Core Processors
Processor
Number:
450
440
430
420
410
Core Frequency/Voltage
2.00 GHz and VCC
1.86 GHz and VCC
1.73 GHz and VCC
1.60 GHz and VCC
1.46 GHz and VCC
29
29
29
29
29
A3,4
IAH,
ISGNT
ICC Auto-Halt & Stop-Grant
16.5
A
3,4
ISLP
ICC Sleep
16.4
A
3,4
IDSLP
ICC Deep Sleep
14.7
A
3,4
dICC/DT
VCC Power Supply Current Slew Rate at CPU
Package Pin
600
A/µs
6, 7
ICCA
ICC for VCCA Supply
120
mA
ICCP
ICC for VCCP Supply before VCC Stable
ICC for VCCP Supply after VCC Stable
6.0
2.5
A
A
9
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com