Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

430 Datasheet(PDF) 40 Page - Intel Corporation

Part # 430
Description  Celeron M Processor on 65 nm Process
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

430 Datasheet(HTML) 40 Page - Intel Corporation

Back Button 430 Datasheet HTML 36Page - Intel Corporation 430 Datasheet HTML 37Page - Intel Corporation 430 Datasheet HTML 38Page - Intel Corporation 430 Datasheet HTML 39Page - Intel Corporation 430 Datasheet HTML 40Page - Intel Corporation 430 Datasheet HTML 41Page - Intel Corporation 430 Datasheet HTML 42Page - Intel Corporation 430 Datasheet HTML 43Page - Intel Corporation 430 Datasheet HTML 44Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 71 page
background image
Package Mechanical Specifications and Pin Information
40
Datasheet
COMP[1]
U26
Power/Other
Input/
Output
COMP[2]
U1
Power/Other
Input/
Output
COMP[3]
V1
Power/Other
Input/
Output
D[0]#
E22
Source Synch
Input/
Output
D[1]#
F24
Source Synch
Input/
Output
D[2]#
E26
Source Synch
Input/
Output
D[3]#
H22
Source Synch
Input/
Output
D[4]#
F23
Source Synch
Input/
Output
D[5]#
G25
Source Synch
Input/
Output
D[6]#
E25
Source Synch
Input/
Output
D[7]#
E23
Source Synch
Input/
Output
D[8]#
K24
Source Synch
Input/
Output
D[9]#
G24
Source Synch
Input/
Output
D[10]#
J24
Source Synch
Input/
Output
D[11]#
J23
Source Synch
Input/
Output
D[12]#
H26
Source Synch
Input/
Output
D[13]#
F26
Source Synch
Input/
Output
D[14]#
K22
Source Synch
Input/
Output
D[15]#
H25
Source Synch
Input/
Output
D[16]#
N22
Source Synch
Input/
Output
D[17]#
K25
Source Synch
Input/
Output
D[18]#
P26
Source Synch
Input/
Output
Table 13.
Pin Listing by Pin Name
Pin Name
Pin
Number
Signal
Buffer Type
Direction
D[19]#
R23
Source Synch
Input/
Output
D[20]#
L25
Source Synch
Input/
Output
D[21]#
L22
Source Synch
Input/
Output
D[22]#
L23
Source Synch
Input/
Output
D[23]#
M23
Source Synch
Input/
Output
D[24]#
P25
Source Synch
Input/
Output
D[25]#
P22
Source Synch
Input/
Output
D[26]#
P23
Source Synch
Input/
Output
D[27]#
T24
Source Synch
Input/
Output
D[28]#
R24
Source Synch
Input/
Output
D[29]#
L26
Source Synch
Input/
Output
D[30]#
T25
Source Synch
Input/
Output
D[31]#
N24
Source Synch
Input/
Output
D[32]#
AA23
Source Synch
Input/
Output
D[33]#
AB24
Source Synch
Input/
Output
D[34]#
V24
Source Synch
Input/
Output
D[35]#
V26
Source Synch
Input/
Output
D[36]#
W25
Source Synch
Input/
Output
D[37]#
U23
Source Synch
Input/
Output
D[38]#
U25
Source Synch
Input/
Output
D[39]#
U22
Source Synch
Input/
Output
D[40]#
AB25
Source Synch
Input/
Output
Table 13.
Pin Listing by Pin Name
Pin Name
Pin
Number
Signal
Buffer Type
Direction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com