Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP35DP Datasheet(PDF) 65 Page - Intel Corporation

Part # DP35DP
Description  Technical Product Specification
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DP35DP Datasheet(HTML) 65 Page - Intel Corporation

Back Button DP35DP Datasheet HTML 61Page - Intel Corporation DP35DP Datasheet HTML 62Page - Intel Corporation DP35DP Datasheet HTML 63Page - Intel Corporation DP35DP Datasheet HTML 64Page - Intel Corporation DP35DP Datasheet HTML 65Page - Intel Corporation DP35DP Datasheet HTML 66Page - Intel Corporation DP35DP Datasheet HTML 67Page - Intel Corporation DP35DP Datasheet HTML 68Page - Intel Corporation DP35DP Datasheet HTML 69Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 84 page
background image
65
4
Error Messages and Beep Codes
What This Chapter Contains
4.1 Speaker ......................................................................................... 65
4.2 BIOS Beep Codes ............................................................................ 65
4.3 BIOS Error Messages ....................................................................... 65
4.4 Port 80h POST Codes ....................................................................... 66
4.1
Speaker
The board-mounted speaker provides audible error code (beep code) information
during POST.
For information about
Refer to
The location of the onboard speaker
Figure 1, page 12
4.2
BIOS Beep Codes
Whenever a recoverable error occurs during POST, the BIOS displays an error
message describing the problem (see Table 34).
Table 34. Beep Codes
Type
Pattern
Frequency
Memory error
Three long beeps
1280 Hz
Thermal warning
Four alternating beeps:
High tone, low tone, high tone, low tone
High tone: 2000 Hz
Low tone: 1600 Hz
4.3
BIOS Error Messages
Table 35 lists the error messages and provides a brief description of each.
Table 35. BIOS Error Messages
Error Message
Explanation
CMOS Battery Low
The battery may be losing power. Replace the battery soon.
CMOS Checksum Bad
The CMOS checksum is incorrect. CMOS memory may have been
corrupted. Run Setup to reset values.
Memory Size Decreased
Memory size has decreased since the last boot. If no memory
was removed, then memory may be bad.
No Boot Device Available
System did not find a device to boot.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com