Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP35DP Datasheet(PDF) 15 Page - Intel Corporation

Part # DP35DP
Description  Technical Product Specification
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DP35DP Datasheet(HTML) 15 Page - Intel Corporation

Back Button DP35DP Datasheet HTML 11Page - Intel Corporation DP35DP Datasheet HTML 12Page - Intel Corporation DP35DP Datasheet HTML 13Page - Intel Corporation DP35DP Datasheet HTML 14Page - Intel Corporation DP35DP Datasheet HTML 15Page - Intel Corporation DP35DP Datasheet HTML 16Page - Intel Corporation DP35DP Datasheet HTML 17Page - Intel Corporation DP35DP Datasheet HTML 18Page - Intel Corporation DP35DP Datasheet HTML 19Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 84 page
background image
Product Description
15
1.2
Legacy Considerations
This board differs from other Intel Desktop Board products, with specific changes
including (but not limited to) the following:
•
No parallel port
•
The location of the floppy drive connector has moved
•
No serial port on the back panel
•
The serial port header is located between the memory sockets and may require a
specialized chassis or cabling solution to use
1.3
Online Support
To find information about…
Visit this World Wide Web site:
Intel® Desktop Board DP35DP
http://www.intel.com/products/motherboard/DP35DP/index.htm
Desktop Board Support
http://support.intel.com/support/motherboards/desktop
Available configurations for the
Desktop Board DP35DP
http://www.intel.com/products/motherboard/DP35DP/index.htm
Supported processors
http://www.intel.com/go/findcpu
Chipset information
http://www.intel.com/products/desktop/chipsets/index.htm
BIOS and driver updates
http://downloadcenter.intel.com
1.4
Processor
The board is designed to support the following processors:
•
Intel Core 2 Quad processor in an LGA775 socket with a 1066 MHz system bus
•
Intel Core 2 Duo processor in an LGA775 socket with a 1066 or 800 MHz
system bus
•
Intel Pentium Dual-Core processor in an LGA775 socket with an 800 MHz
system bus
•
Intel Celeron processor in an LGA775 socket with an 800 MHz system bus
Other processors may be supported in the future. This board is designed to support
processors with a maximum wattage of 105 W. The processors listed above are only
supported when falling within the wattage requirements of the DP35DP board. See
the Intel web site listed below for the most up-to-date list of supported processors.
For information about…
Refer to:
Supported processors
http://www.intel.com/go/findcpu
CAUTION
Use only the processors listed on the web site above. Use of unsupported processors
can damage the board, the processor, and the power supply.
INTEGRATOR’S NOTE
Use only ATX12V-compliant power supplies.
For information about
Refer to
Power supply connectors
Section 2.2.2.4, page 47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com