Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP35DP Datasheet(PDF) 44 Page - Intel Corporation

Part # DP35DP
Description  Technical Product Specification
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DP35DP Datasheet(HTML) 44 Page - Intel Corporation

Back Button DP35DP Datasheet HTML 40Page - Intel Corporation DP35DP Datasheet HTML 41Page - Intel Corporation DP35DP Datasheet HTML 42Page - Intel Corporation DP35DP Datasheet HTML 43Page - Intel Corporation DP35DP Datasheet HTML 44Page - Intel Corporation DP35DP Datasheet HTML 45Page - Intel Corporation DP35DP Datasheet HTML 46Page - Intel Corporation DP35DP Datasheet HTML 47Page - Intel Corporation DP35DP Datasheet HTML 48Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 84 page
background image
Intel Desktop Board DP35DP Technical Product Specification
44
2.2.2.1
Signal Tables for the Connectors and Headers
Table 11. HD Audio Link Header
Pin
Signal Name
Pin
Signal Name
1
BCLK
2
Ground
3
RST#
4
3.3 VCC
5
SYNC
6
Ground
7
SDO
8
3.3 VCC
9
SDI0
10
+12 V
11
SDI1
12
Key (no pin)
13
Aud RSVD
14
3.3 V STBY
15
Aud RSVD
16
Ground
Table 12. Front Panel Audio Header
Pin
Signal Name
Pin
Signal Name
1
[Port 2] Left channel
2
Ground
3
[Port 2] Right channel
4
PRESENCE# (Dongle present)
5
[Port 1] Right channel
6
[Port 1] SENSE_RETURN
7
SENSE_SEND (Jack detection)
8
Key (no pin)
9
[Port 2] Left channel
10
[Port 2] SENSE_RETURN
Table 13. Serial ATA Connectors
Pin
Signal Name
1
Ground
2
TXP
3
TXN
4
Ground
5
RXN
6
RXP
7
Ground
Table 14. Serial Port Header
Pin
Signal Name
Pin
Signal Name
1
DCD
2
RXD#
3
TXD#
4
DTR
5
Ground
6
DSR
7
RTS
8
CTS
9
RI
10
Key (no pin)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com