Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP35DP Datasheet(PDF) 51 Page - Intel Corporation

Part # DP35DP
Description  Technical Product Specification
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DP35DP Datasheet(HTML) 51 Page - Intel Corporation

Back Button DP35DP Datasheet HTML 47Page - Intel Corporation DP35DP Datasheet HTML 48Page - Intel Corporation DP35DP Datasheet HTML 49Page - Intel Corporation DP35DP Datasheet HTML 50Page - Intel Corporation DP35DP Datasheet HTML 51Page - Intel Corporation DP35DP Datasheet HTML 52Page - Intel Corporation DP35DP Datasheet HTML 53Page - Intel Corporation DP35DP Datasheet HTML 54Page - Intel Corporation DP35DP Datasheet HTML 55Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 84 page
background image
Technical Reference
51
2.3
Jumper Block
CAUTION
Do not move the jumper with the power on. Always turn off the power and unplug the
power cord from the computer before changing a jumper setting. Otherwise, the
board could be damaged.
Figure 14 shows the location of the jumper block. The jumper determines the BIOS
Setup program’s mode. Table 24 lists the jumper settings for the three modes:
normal, configure, and recovery. When the jumper is set to configure mode and the
computer is powered-up, the BIOS compares the processor version and the microcode
version in the BIOS and reports if the two match.
Figure 14. Location of the Jumper Block
Table 24. BIOS Setup Configuration Jumper Settings
Function/Mode Jumper Setting
Configuration
Normal
1-2
32 1
The BIOS uses current configuration information and
passwords for booting.
Configure
2-3
32 1
After the POST runs, Setup runs automatically. The
maintenance menu is displayed.
Recovery
None
32 1
The BIOS attempts to recover the BIOS configuration. See
Section 3.7 for more information on BIOS recovery.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com