Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP35DP Datasheet(PDF) 77 Page - Intel Corporation

Part # DP35DP
Description  Technical Product Specification
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DP35DP Datasheet(HTML) 77 Page - Intel Corporation

Back Button DP35DP Datasheet HTML 73Page - Intel Corporation DP35DP Datasheet HTML 74Page - Intel Corporation DP35DP Datasheet HTML 75Page - Intel Corporation DP35DP Datasheet HTML 76Page - Intel Corporation DP35DP Datasheet HTML 77Page - Intel Corporation DP35DP Datasheet HTML 78Page - Intel Corporation DP35DP Datasheet HTML 79Page - Intel Corporation DP35DP Datasheet HTML 80Page - Intel Corporation DP35DP Datasheet HTML 81Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 84 page
background image
Regulatory Compliance and Battery Disposal Information
77
Table 40 shows the various forms of the “Lead-Free 2nd Level Interconnect” mark as it
appears on the board and accompanying collateral.
Table 40. Lead-Free Board Markings
Description
Mark
Lead-Free 2nd Level Interconnect:
This symbol is used to identify
electrical and electronic
assemblies and components in
which the lead (Pb) concentration
level in the desktop board
substrate and the solder
connections from the board to the
components (second-level
interconnect) is not greater than
0.1% by weight (1000 ppm).
or
or



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com