Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP35DP Datasheet(PDF) 16 Page - Intel Corporation

Part # DP35DP
Description  Technical Product Specification
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DP35DP Datasheet(HTML) 16 Page - Intel Corporation

Back Button DP35DP Datasheet HTML 12Page - Intel Corporation DP35DP Datasheet HTML 13Page - Intel Corporation DP35DP Datasheet HTML 14Page - Intel Corporation DP35DP Datasheet HTML 15Page - Intel Corporation DP35DP Datasheet HTML 16Page - Intel Corporation DP35DP Datasheet HTML 17Page - Intel Corporation DP35DP Datasheet HTML 18Page - Intel Corporation DP35DP Datasheet HTML 19Page - Intel Corporation DP35DP Datasheet HTML 20Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 84 page
background image
Intel Desktop Board DP35DP Technical Product Specification
16
1.5
System Memory
The board has four DIMM sockets and support the following memory features:
•
1.8 V (only) DDR2 SDRAM DIMMs with gold-plated contacts
•
Unbuffered, single-sided or double-sided DIMMs with the following restriction:
Double-sided DIMMS with x16 organization are not supported.
•
8 GB maximum total system memory using DDR2 800 or DDR2 667 DIMMs; refer
to Section 2.1.1 on page 37 for information on the total amount of addressable
memory.
•
Minimum total system memory: 256 MB
•
Non-ECC DIMMs
•
Serial Presence Detect
•
DDR2 800 or DDR2 667 MHz SDRAM DIMMs
•
DDR2 667 DIMMs with SPD timings of only 5-5-5 (tCL-tRCD-tRP)
•
DDR2 800 DIMMs with SPD timings of only 5-5-5 or 6-6-6 (tCL-tRCD-tRP)
NOTE
To be fully compliant with all applicable DDR SDRAM memory specifications, the board
should be populated with DIMMs that support the Serial Presence Detect (SPD) data
structure. This allows the BIOS to read the SPD data and program the chipset to
accurately configure memory settings for optimum performance. If non-SPD memory
is installed, the BIOS will attempt to correctly configure the memory settings, but
performance and reliability may be impacted or the DIMMs may not function under the
determined frequency.
Table 3. Supported Memory Configurations
DIMM
Type
SDRAM
Technology
Smallest usable
DIMM (one x16
Single-sided
DIMM)
Largest usable
DIMM (one x8
Double-sided
DIMM)
Maximum capacity
with four identical
x8 Double-sided
DIMMs
DDR2 667
512 Mbit
256 MB
1 GB
4 GB
DDR2 667
1 Gbit
512 MB
2 GB
8 GB
DDR2 800
512 Mbit
256 MB
1 GB
4 GB
DDR2 800
1 Gbit
512 MB
2 GB
8 GB
For information about…
Refer to:
Tested Memory
http://support.intel.com/support/motherboards/desktop/sb/CS-
025414.htm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com