Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP35DP Datasheet(PDF) 23 Page - Intel Corporation

Part # DP35DP
Description  Technical Product Specification
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DP35DP Datasheet(HTML) 23 Page - Intel Corporation

Back Button DP35DP Datasheet HTML 19Page - Intel Corporation DP35DP Datasheet HTML 20Page - Intel Corporation DP35DP Datasheet HTML 21Page - Intel Corporation DP35DP Datasheet HTML 22Page - Intel Corporation DP35DP Datasheet HTML 23Page - Intel Corporation DP35DP Datasheet HTML 24Page - Intel Corporation DP35DP Datasheet HTML 25Page - Intel Corporation DP35DP Datasheet HTML 26Page - Intel Corporation DP35DP Datasheet HTML 27Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 84 page
background image
Product Description
23
1.10 Audio Subsystem
The onboard audio subsystem consists of the following:
•
Intel 82801IR (ICH9R)
•
IDT STAC9271 audio codec
•
Back panel audio connectors
•
Component-side audio headers:
⎯ Intel® High Definition Audio front panel header
⎯ HD audio link header
The audio subsystem supports the following features:
•
Dolby Home Theater support
•
A signal-to-noise (S/N) ratio of 95 dB
•
Independent multi-streaming 7.1 audio (using the back panel audio connectors)
and stereo (using the Intel High Definition Audio front panel header)
•
ADAT support from the back panel optical S/PDIF port
NOTE
Systems built with AC 97 front panel will not be able to obtain the Microsoft Windows
Vista* logo after June 2007.
Table 4 lists the supported functions of the front panel and back panel audio jacks.
Table 4. Audio Jack Retasking Support
Audio Jack
Supports
Line in?
Supports
Line out?
Supports
Microphone?
Supports
Headphones?
Front panel – Green
No
Yes
No
Yes
Front panel – Pink
No
No
Yes
No
Back panel – Blue
Yes
Yes
No
No
Back panel – Green
No
Yes
No
Yes
Back panel – Pink
No
No
Yes
No
Back panel – Black
No
Yes
No
No
Back panel - Orange
No
Yes
No
No
1.10.1
Audio Subsystem Software
Audio software and drivers are available from Intel’s World Wide Web site.
For information about
Refer to
Obtaining audio software and drivers
Section 1.2, page 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com