Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP35DP Datasheet(PDF) 10 Page - Intel Corporation

Part # DP35DP
Description  Technical Product Specification
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DP35DP Datasheet(HTML) 10 Page - Intel Corporation

Back Button DP35DP Datasheet HTML 6Page - Intel Corporation DP35DP Datasheet HTML 7Page - Intel Corporation DP35DP Datasheet HTML 8Page - Intel Corporation DP35DP Datasheet HTML 9Page - Intel Corporation DP35DP Datasheet HTML 10Page - Intel Corporation DP35DP Datasheet HTML 11Page - Intel Corporation DP35DP Datasheet HTML 12Page - Intel Corporation DP35DP Datasheet HTML 13Page - Intel Corporation DP35DP Datasheet HTML 14Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 84 page
background image
Intel Desktop Board DP35DP Technical Product Specification
10
1.1
Overview
1.1.1
Feature Summary
Table 1 summarizes the major features of the Desktop Board DP35DP.
Table 1. Feature Summary
Form Factor
ATX (11.60 inches by 9.60 inches [294.64 millimeters by 243.84 millimeters])
Processor
Support for the following:
• Intel® Core™2 Quad processor in an LGA775 socket with a 1066 MHz
system bus
• Intel® Core™2 Duo processor in an LGA775 socket with a 1066 or 800 MHz
system bus
• Intel® Pentium® Dual-Core processor in an LGA775 socket with an 800 MHz
system bus
• Intel® Celeron® processor in an LGA775 socket with an 800 MHz system bus
Memory
• Four 240-pin DDR2 SDRAM Dual Inline Memory Module (DIMM) sockets
• Support for DDR2 800 or DDR2 667 MHz DIMMs
• Support for up to 8 GB of system memory using DDR2 800 or DDR2
667 DIMMs
Chipset
Intel® P35 Express Chipset, consisting of:
• Intel® 82P35 Memory Controller Hub (MCH)
• Intel® 82801IR I/O Controller Hub (ICH9R).
Audio
8-channel (7.1) audio subsystem using the IDT* STAC9271D audio codec and
Dolby* Home Theater certification
Video
Video support provided via PCI Express* graphics via add-in card.
Legacy I/O Control
Legacy I/O controller for serial port and Consumer Infrared (CIR)
Peripheral
Interfaces
• 12 USB 2.0 ports
• Two IEEE-1394a interfaces: one back panel connector and one front-panel
header
• Six Serial ATA IDE interfaces, including one red-colored external Serial ATA
(eSATA) IDE interface
• One Parallel ATA IDE interface with UDMA 33, ATA-66/100/133 support
• Back panel PS/2* ports for mouse and keyboard connection (optional)
• One serial port header (may require specialized chassis or cable for use)
LAN Support
Gigabit (10/100/1000 Mbits/sec) LAN subsystem using the Intel® 82566DC
Gigabit Ethernet Controller
BIOS
• Intel® BIOS (resident in the SPI Flash device)
• Support for Advanced Configuration and Power Interface (ACPI), Plug and Play,
and SMBIOS
continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com